Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS707 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BTS707
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS707 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BTS707 Datasheet HTML 1Page - Siemens Semiconductor Group BTS707 Datasheet HTML 2Page - Siemens Semiconductor Group BTS707 Datasheet HTML 3Page - Siemens Semiconductor Group BTS707 Datasheet HTML 4Page - Siemens Semiconductor Group BTS707 Datasheet HTML 5Page - Siemens Semiconductor Group BTS707 Datasheet HTML 6Page - Siemens Semiconductor Group BTS707 Datasheet HTML 7Page - Siemens Semiconductor Group BTS707 Datasheet HTML 8Page - Siemens Semiconductor Group BTS707 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BTS 707
Semiconductor Group
2
Block diagram
IN1
ST1
ESD
Logic
Voltage
sensor
Voltage
source
Open load
detection
Charge pump
Level shifter
Temperature
sensor
Rectifier
Gate
protection
Current
limit
3
4
V
Logic
Overvoltage
protection
Signal-
GND1
1
Chip 1
Chip 1
IN2
ST2
PROFET
®
7
8
6
Leadframe connected to pin 1, 10, 11, 12, 15, 16, 19, 20
Signal-
GND2
Chip 2
Chip 2
+ Vbb
OUT1
Leadframe
17,18
Load GND
Load
+ Vbb
OUT2
Leadframe
13,14
Load GND
Load
Logic and protection circuit of chip 2
(equivalent to chip 1)
Limit for
ind. loads
unclamped
Short circuit
detection
GND
GND
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
65
V
Supply voltage for full short circuit protection
Tj,start = -40 ...+150°C
Vbb
40
V
Load current (Short-circuit current, see page 5)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS720L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS721L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn