Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS707 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BTS707
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS707 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BTS 707
Semiconductor Group
6
Truth Table
Channel 1
Input 1
Output 1
Status 1
Channel 2
Input 2
Output 2
Status 2
level
level
BTS 707
Normal
operation
L
H
L
H
L
H
Open load
L
H
Z
H
H
H
Short circuit
to GND
L
H
L
L
L
L
Short circuit
to Vbb
L
H
H
H
H
H
Overtem-
perature
L
H
L
L
L
L
Under-
voltage
L
H
L
L
L
L
Overvoltage
no overvoltage shutdown,
see normal operation
Parallel switching of channel 1 and 2 is easily possible by connecting the inputs and outputs in parallel. The
status outputs ST1 and ST2 have to be configured as a 'Wired OR' function with a single pull-up resistor.
Terms
PROFET
IN1
ST1
OUT1
GND1
Vbb
VST1
V
IN1
I IN1
V
bb
IL1
VOUT1
I
GND1
VON1
2
3
4
Leadframe
17,18
Ibb
I ST1
R
GND1
Chip 1
PROFET
IN2
ST2
OUT2
GND2
Vbb
VST2
V
IN2
I IN2
IL2
VOUT2
I
GND2
VON2
6
7
8
Leadframe
13,14
I ST2
R
GND2
Chip 2
Leadframe (Vbb) is connected to pin 1,10,11,12,15,16,19,20
External RGND optional; two resistors RGND1, RGND2 = 150 Ω or a single resistor RGND = 75 Ω for reverse
battery protection up to the max. operating voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS720L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS721L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn