Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS707 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BTS707
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS707 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTS 707
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
5
Reverse Battery
Reverse battery voltage 8)
-
Vbb
--
--
32
V
Diagnostic Characteristics
Open load detection current
IL(off)
--
6
--
µA
Open load detection voltage
Tj =-40..+150°C: VOUT(OL)
2.4
3
4
V
Short circuit detection voltage
(pin 3 to 5)
VON(SC)
--
2.5
--
V
Input and Status Feedback9)
Input resistance
(see circuit page 7)
RI
--
20
--
k
Input turn-on threshold voltage
VIN(T+)
1
--
2.5
V
Input turn-off threshold voltage
VIN(T-)
0.8
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current
VIN = 0.4 V: IIN(off)
1--
30
µA
On state input current
VIN = 2.5 V: IIN(on)
10
25
70
µA
Delay time for status with open load
(see timing diagrams, page 10)
td(ST OL3)
--
200
--
µs
Status output (open drain)
Zener limit voltage
Tj =-40...+150°C, IST = +1.6 mA:
ST low voltage
Tj =-40...+150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
6.1
--
--
0.4
V
8
)
Requires a 150
Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 3 and circuit page 7).
9)
If ground resistors RGND are used, add the voltage drop across these resistors.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS720L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS721L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn