Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS621L1 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BTS621L1
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS621L1 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BTS 621 L1
Semiconductor Group
3
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case, both channels:
each channel:
junction - ambient (free air):
RthJC
RthJA
--
--
--
--
--
--
1.7
3.4
75
K/W
SMD version, device on PCB5):35
5
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air.
Electrical Characteristics
Parameter and Conditions, each channel
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 4 to 1 or 7)
IL = 2 A
Tj=25 °C:
each channel
Tj=150 °C:
RON
--
80
160
100
200
m
Nominal load current, ISO Norm (pin 4 to 1 or 7)
VON = 0.5 V, TC = 85 °C
each channel:
both channels parallel:
IL(ISO)
3.5
6.8
4.4
8.5
--
--
A
Output current (pin 1 or 7) while GND disconnected
or GND pulled up,
Vbb=30 V, VIN= 0, see diagram
page 8
IL(GNDhigh)
--
--
10
mA
Turn-on time
IN
to 90%
VOUT:
Turn-off time
IN
to 10%
VOUT:
RL = 12
, Tj =-40...+150°C
ton
toff
80
80
200
200
400
400
µs
Slew rate on
10 to 30%
VOUT, RL = 12
, Tj =-40...+150°C
d
V /dton
0.1
--
1
V/
µs
Slew rate off
70 to 40%
VOUT, RL = 12
, Tj =-40...+150°C
-d
V/dtoff
0.1
--
1
V/
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410F2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410G2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410H2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS425L1Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn