Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS621L1 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part No. BTS621L1
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS621L1 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BTS 621 L1
Semiconductor Group
13
Figure 6a: Undervoltage:
IN
V
OUT
t
V
bb
ST open drain
V
V
bb(under)
bb(u rst)
bb(u cp)
V
Figure 6b: Undervoltage restart of charge pump
bb(under)
V
V
bb(u rst)
V
bb(over)
V
bb(o rst)
V
bb(u cp)
VON(CL)
V bb
V
on
charge pump starts at Vbb(ucp) =5.6 V typ.
Figure 7a: Overvoltage:
IN
V
OUT
t
V
bb
ST
ON(CL)
V
Vbb(over)
V
bb(o rst)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410F2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410G2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410H2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS425L1Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn