Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS621L1 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part No. BTS621L1
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS621L1 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BTS 621 L1
Semiconductor Group
8
Status output
ST
GND
ESD-
ZD
+5V
R
ST(ON)
ESD-Zener diode: 6.1 V typ., max 5 mA;
RST(ON) < 380 Ω at 1.6 mA, ESD zener diodes are not
to be used as voltage clamp at DC conditions.
Operation in this mode may result in a drift of the zener
voltage (increase of up to 1 V).
Inductive and overvoltage output clamp
+ Vbb
OUT
GND
PROFET
V
Z
V
ON
VON clamped to 47 V typ.
Overvolt. and reverse batt. protection
+ Vbb
IN2
ST
ST
R
GND
GND
R
Signal GND
Logic
V
Z2
IN1
RI
V
Z1
VZ1 = 6.1 V typ., VZ2 = 47 V typ., RI= 3.5 kΩ typ,
RGND= 150 Ω
Open-load detection
ON-state diagnostic condition:
VON < RON * IL(OL); IN
high
Open load
detection
Logic
unit
+ Vbb
OUT
ON
VON
OFF-state diagnostic condition:
VOUT > 3 V typ.; IN low
Open load
detection
Logic
unit
V
OUT
Signal GND
R
EXT
R
O
OFF
GND disconnect
PROFET
V
IN2
ST
OUT2
GND
bb
V
bb
Ibb
1
2
4
3
5
IN1
OUT1
6
7
V
IN1
V
IN2
V
ST
V
GND
Any kind of load. In case of Input=high is
VOUT
≈ VIN - VIN(T+) .
Due to VGND >0, no VST = low signal available.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410F2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410G2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410H2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS425L1Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn