Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE110 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # P6KE110
Description  UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 600 WATTS, 6.8 THRU 440 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

P6KE110 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  P6KE110 Datasheet HTML 1Page - Central Semiconductor Corp P6KE110 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P6KE6.8A THRU P6KE440A
P6KE6.8CA THRU P6KE440CA
UNI-DIRECTIONAL
AND BI-DIRECTIONAL
SILICON TRANSIENT
VOLTAGE SUPPRESSORS
600 WATTS, 6.8 THRU 440 VOLTS
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
TYPE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MAXIMUM
TEMPERATURE
COEFFICIENT
ΘVBR
MIN
V
NOM
V
MAX
V
mA
V
µA
V
A
% / °C
P6KE47
44.7
47
49.4
1.0
40.2
5.0
64.8
9.3
0.101
P6KE51
48.5
51
53.6
1.0
43.6
5.0
70.1
8.6
0.102
P6KE56
53.2
56
58.8
1.0
47.8
5.0
77
7.8
0.103
P6KE62
58.9
62
65.1
1.0
53.0
5.0
85
7.1
0.104
P6KE68
64.6
68
71.4
1.0
58.1
5.0
92
6.5
0.104
P6KE75
71.3
75
78.8
1.0
64.1
5.0
103
5.8
0.105
P6KE82
77.9
82
86.1
1.0
70.1
5.0
113
5.3
0.105
P6KE91
86.5
91
95.5
1.0
77.8
5.0
125
4.8
0.106
P6KE100
95.0
100
105
1.0
85.5
5.0
137
4.4
0.106
P6KE110
104.5
110
115.5
1.0
94.0
5.0
152
4.0
0.107
P6KE120
114
120
126
1.0
102
5.0
165
3.6
0.107
P6KE130
123.5
130
136.5
1.0
111
5.0
179
3.3
0.107
P6KE150
142.5
150
157.5
1.0
128
5.0
207
2.9
0.108
P6KE160
152
160
168
1.0
136
5.0
219
2.7
0.108
P6KE170
161.5
170
178.5
1.0
145
5.0
234
2.6
0.108
P6KE180
171
180
189
1.0
154
5.0
246
2.4
0.108
P6KE200
190
200
210
1.0
171
5.0
274
2.2
0.108
P6KE220
209
220
231
1.0
185
5.0
328
2.0
0.108
P6KE250
237.5
250
262.5
1.0
214
5.0
344
2.0
0.110
P6KE300
285
300
315
1.0
256
5.0
414
2.0
0.110
P6KE350
332.5
350
367.5
1.0
300
5.0
482
2.0
0.110
P6KE400
380
400
420
1.0
342
5.0
548
2.0
0.110
P6KE440
418
440
462
1.0
376
5.0
600
2.0
0.110
DO-15 CASE - MECHANICAL OUTLINE
MARKING: FULL PART NUMBER
Bi-directional devices shall not be
marked with a Cathode band.
A
D
D
C
B
www.centr a lsemi.com
R1 (8-September 2011)


Similar Part No. - P6KE110

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
P6KE110 YANGJIE-P6KE110 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P6KE110 PANJIT-P6KE110 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE110 ZSELEC-P6KE110 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
P6KE110 LUGUANG-P6KE110 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
P6KE110 MICROSEMI-P6KE110 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE110

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5CE6.8A CENTRAL-1.5CE6.8A_11 Datasheet
336Kb / 2P
   UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8 Datasheet
201Kb / 4P
   1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
P6SMB68CA CENTRAL-P6SMB68CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com