Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS620L1 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BTS620L1
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS620L1 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BTS620L1 Datasheet HTML 1Page - Siemens Semiconductor Group BTS620L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS620L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS620L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS620L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS620L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS620L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS620L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS620L1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PROFET® BTS 620 L1
Semiconductor Group
1
12.96
Smart Two Channel Highside Power Switch
Features
• Overload protection
• Current limitation
• Short circuit protection
• Thermal shutdown
• Overvoltage protection (including load dump)
• Reverse battery protection1)
• Undervoltage and overvoltage shutdown with
auto-restart and hysteresis
• Open drain diagnostic output
• Open load detection in ON-state
• CMOS compatible input
• Loss of ground and loss of V
bb protection
• Electrostatic discharge (ESD) protection
Application
• µC compatible power switch with diagnostic
feedback for 12 V DC grounded loads
• Most suitable for resistive and lamp loads
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic
feedback, monolithically integrated in Smart SIPMOS® technology. Fully protected by embedded protection
functions.
+ V bb
IN1
ST
Signal GND
ESD
PROFET
®
OUT1
GND
Logic
Voltage
sensor
Voltage
source
Open load
detection 1
Short to Vbb
Level shifter
Temperature
sensor 1
Rectifier 1
Gate 1
protection
Current
limit 1
3
5
2
4
1
Load GND
Load
V Logic
Overvoltage
protection
OUT2
Open load
detection 2
Short to Vbb
Level shifter
Temperature
sensor 2
Rectifier 2
Gate 2
protection
Current
limit 2
7
IN2
6
GND
RR
O1
O2
Charge
pump 1
Charge
pump 2
1
)
With external current limit (e.g. resistor RGND=150 Ω) in GND connection, resistor in series with ST
connection, reverse load current limited by connected load.
Product Summary
Overvoltage protection
Vbb(AZ)
43
V
Operating voltage
Vbb(on)
5.0 ... 24
V
channels:
each
both
parallel
On-state resistance
RON
100
50 m
Load current (ISO)
IL(ISO)
4.4
8.5
A
Current limitation
IL(SCr)
10
10
A
TO-220AB/7
1
7
Standard


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410F2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410G2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410H2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS425L1Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn