Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1Z51B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # C1Z51B
Description  SILICON ZENER DIODE 3.3 VOLTS THRU 91 VOLTS 1.0 W, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

C1Z51B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  C1Z51B Datasheet HTML 1Page - Central Semiconductor Corp C1Z51B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R0 (29-July 2009)
Central
Semiconductor Corp.
TM
C1Z3.3B THRU C1Z91B
SILICON ZENER DIODE
3.3 VOLTS THRU 91 VOLTS
1.0 W, 5% TOLERANCE
DO-15 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.0V MAX @ IF=500mA (for all types)
Type
Zener Voltage
VZ @ IZT
Test Current
IZT
Maximum Reverse
Leakage Current
IR @ VR
MIN
V
NOM
V
MAX
V
mA
μA
V
C1Z30B
28.50
30
31.50
8.5
5.0
22.8
C1Z33B
31.35
33
34.65
7.5
5.0
25.1
C1Z36B
34.20
36
37.80
7.0
5.0
27.4
C1Z39B
37.05
39
40.95
6.5
5.0
29.7
C1Z43B
40.85
43
45.15
6.0
5.0
32.7
C1Z47B
44.65
47
49.35
5.5
5.0
35.8
C1Z50B
47.50
50
52.50
5.1
5.0
37.3
C1Z51B
48.45
51
53.55
5.0
5.0
38.8
C1Z56B
53.20
56
58.80
4.5
5.0
42.6
C1Z62B
58.90
62
65.10
4.0
5.0
47.1
C1Z68B
64.60
68
71.40
3.7
5.0
51.7
C1Z75B
71.25
75
78.75
3.3
5.0
56
C1Z82B
77.90
82
86.10
3.0
5.0
62.2
C1Z91B
86.45
91
95.55
2.8
5.0
69.2


Similar Part No. - C1Z51B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
C1Z100B CENTRAL-C1Z100B Datasheet
55Kb / 1P
   1.0WATT ZENER DIODE 100VOLTS THRU 330 VOLTS
C1Z110B CENTRAL-C1Z110B Datasheet
55Kb / 1P
   1.0WATT ZENER DIODE 100VOLTS THRU 330 VOLTS
C1Z120B CENTRAL-C1Z120B Datasheet
55Kb / 1P
   1.0WATT ZENER DIODE 100VOLTS THRU 330 VOLTS
C1Z130B CENTRAL-C1Z130B Datasheet
55Kb / 1P
   1.0WATT ZENER DIODE 100VOLTS THRU 330 VOLTS
C1Z150B CENTRAL-C1Z150B Datasheet
55Kb / 1P
   1.0WATT ZENER DIODE 100VOLTS THRU 330 VOLTS
More results

Similar Description - C1Z51B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
   350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com