Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1Z25B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # C1Z25B
Description  SILICON ZENER DIODE 3.3 VOLTS THRU 91 VOLTS 1.0 W, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

C1Z25B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  C1Z25B Datasheet HTML 1Page - Central Semiconductor Corp C1Z25B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R0 (29-July 2009)
MAXIMUM RATINGS:
SYMBOL
UNITS
Power Dissipation (TA=50°C)
PD
1.0
W
Operating and Storage Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.0V MAX @ IF=500mA (for all types)
C1Z3.3B THRU C1Z91B
SILICON ZENER DIODE
3.3 VOLTS THRU 91 VOLTS
1.0 W, 5% TOLERANCE
DO-15 CASE
Central
Semiconductor Corp.
TM
DESCRIPTION:
The CENTRAL SEMICONDUCTOR C1Z3.3B Series
Silicon Zener Diode is a high quality epoxy molded
voltage regulator designed for use in industrial,
commercial, entertainment and computer applications.
MARKING: FULL PART NUMBER
Type
Zener Voltage
VZ @ IZT
Test Current
IZT
Maximum Reverse
Leakage Current
IR @ VR
MIN
V
NOM
V
MAX
V
mA
μA
V
C1Z3.3B
3.14
3.3
3.47
76
100
1.0
C1Z3.6B
3.42
3.6
3.78
69
100
1.0
C1Z3.9B
3.71
3.9
4.10
64
50
1.0
C1Z4.3B
4.09
4.3
4.52
58
10
1.0
C1Z4.7B
4.47
4.7
4.94
53
10
1.0
C1Z5.1B
4.85
5.1
5.36
49
10
1.0
C1Z5.6B
5.32
5.6
5.88
45
10
2.0
C1Z6.2B
5.89
6.2
6.51
41
10
3.0
C1Z6.8B
6.46
6.8
7.14
37
10
4.0
C1Z7.5B
7.13
7.5
7.88
34
10
5.0
C1Z8.2B
7.79
8.2
8.61
31
10
6.0
C1Z9.1B
8.65
9.1
9.56
28
10
7.0
C1Z10B
9.50
10
10.50
25
10
7.6
C1Z11B
10.45
11
11.55
23
5.0
8.4
C1Z12B
11.40
12
12.60
21
5.0
9.1
C1Z13B
12.35
13
13.65
19
5.0
9.9
C1Z14B
13.30
14
14.70
18
5.0
10.6
C1Z15B
14.25
15
15.75
17
5.0
11.4
C1Z16B
15.20
16
16.80
15.5
5.0
12.2
C1Z17B
16.15
17
17.85
14.8
5.0
12.9
C1Z18B
17.10
18
18.90
14
5.0
13.7
C1Z19B
18.05
19
19.95
13.3
5.0
14.4
C1Z20B
19.00
20
21.00
12.5
5.0
15.2
C1Z22B
20.90
22
23.10
11.5
5.0
16.7
C1Z24B
22.80
24
25.20
10.5
5.0
18.2
C1Z25B
23.75
25
26.25
10.2
5.0
19.0
C1Z27B
25.65
27
28.35
9.5
5.0
20.6


Similar Part No. - C1Z25B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
C1Z200B CENTRAL-C1Z200B Datasheet
55Kb / 1P
   1.0WATT ZENER DIODE 100VOLTS THRU 330 VOLTS
More results

Similar Description - C1Z25B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
   350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com