Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS432D2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BTS432D2
Description  Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS432D2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BTS432D2 Datasheet HTML 1Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 2Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 3Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 4Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BTS 432 D2
Semiconductor Group
2
Pin
Symbol
Function
1
GND
-
Logic ground
2
IN
I
Input, activates the power switch in case of logical high signal
3Vbb
+
Positive power supply voltage,
the tab is shorted to this pin
4
ST
S
Diagnostic feedback, low on failure
5
OUT
(Load, L)
O
Output to the load
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 3)
Vbb
63
V
Load dump protection
VLoadDump = UA + Vs, UA = 13.5 V
RI= 2
Ω, RL= 1.1 Ω, td= 200 ms, IN= low or high
Vs3)
66.5
V
Load current (Short-circuit current, see page 4)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)
Ptot
125
W
Inductive load switch-off energy dissipation,
single pulse
Tj=150 °C:
EAS
1.7
J
Electrostatic discharge capability (ESD)
(Human Body Model)
VESD
2.0
kV
Input voltage (DC)
VIN
-0.5 ... +6
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagrams page 6...
IIN
IST
±5.0
±5.0
mA
Thermal resistance
chip - case:
junction - ambient (free air):
RthJC
RthJA
≤ 1
≤ 75
K/W
SMD version, device on pcb4):
≤ tbd
3)
VS is setup without DUT connected to the generator per ISO 7637-1 and DIN 40839
4
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air.


Similar Part No. - BTS432D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS432D2 INFINEON-BTS432D2 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
BTS432D2E3043 INFINEON-BTS432D2E3043 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
BTS432D2E3062A INFINEON-BTS432D2E3062A Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
More results

Similar Description - BTS432D2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS432E2 SIEMENS-BTS432E2 Datasheet
142Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
BTS432I2 SIEMENS-BTS432I2 Datasheet
122Kb / 14P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
BTS430K2 SIEMENS-BTS430K2 Datasheet
116Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
BTS432F2 SIEMENS-BTS432F2 Datasheet
142Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com