Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5190 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1N5190
Description  FAST RECOVERY, GLASS PASSIVATED SILICON RECTIFIER 3 AMP, 400 THRU 600 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5190 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N5190 Datasheet HTML 1Page - Central Semiconductor Corp 1N5190 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5188
1N5189
1N5190
FAST RECOVERY, GLASS
PASSIVATED SILICON RECTIFIER
3 AMP, 400 THRU 600 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N5188 Series
are silicon rectifiers mounted in a hermetically sealed,
glass passivated package, designed for general
purpose applications where fast reverse recovery times
are required.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
1N5188 1N5189
1N5190
UNITS
Peak Repetitive Reverse Voltage
VRRM
400
500
600
V
DC Blocking Voltage
VR
400
500
600
V
RMS Reverse Voltage
VR(RMS)
280
350
420
V
Average Forward Current
IO
3.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
80
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=Rated VRRM
2.0
μA
IR
VR=Rated VRRM, TA=100°C
100
μA
VF
IF=9.0A, tp=380μs
0.9
1.5
V
BVR
IR=100μA (1N5188)
480
V
BVR
IR=100μA (1N5189)
550
V
BVR
IR=100μA (1N5190)
660
V
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N5188)
250
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N5189)
300
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N5190)
400
ns
MARKING: FULL PART NUMBER
GPR-4AM CASE
R0 (5-March 2012)
www.centr a lsemi.com


Similar Part No. - 1N5190

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5190 MICROSEMI-1N5190 Datasheet
75Kb / 2P
   RECTIFIERS MILITARY APPROVED, 3AMP, FAST RECOVERY
logo
Sensitron
1N5190 SENSITRON-1N5190 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
1N5190 MICROSEMI-1N5190 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
logo
New Jersey Semi-Conduct...
1N5190 NJSEMI-1N5190 Datasheet
125Kb / 1P
   FAST RECTIFIER
logo
Digitron Semiconductors
1N5190 DIGITRON-1N5190 Datasheet
572Kb / 3P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N5190

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N5419 CENTRAL-1N5419 Datasheet
287Kb / 2P
   FAST RECOVERY GLASS PASSIVATED SILICON RECTIFIER 3 AMP, 500 AND 600 VOLTS
CPR4F-010 CENTRAL-CPR4F-010 Datasheet
77Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER 3A, 100 THRU 600 VOLTS
logo
Micro Commercial Compon...
BA157GP MCC-BA157GP_13 Datasheet
264Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
BA157GP MCC-BA157GP Datasheet
233Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
logo
New Jersey Semi-Conduct...
1N5415 NJSEMI-1N5415 Datasheet
97Kb / 1P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER 3.0 AMPS, 50 THRU 600 VOLTS
logo
Micro Commercial Compon...
1N4933GP MCC-1N4933GP_13 Datasheet
535Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
MUR260GP MCC-MUR260GP Datasheet
346Kb / 2P
   2.0 Amp Glass Passivated Super Fast Recovery Rectifier 600 Volts
logo
Central Semiconductor C...
CPR5U-020 CENTRAL-CPR5U-020 Datasheet
77Kb / 2P
   GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIERS 5.0 AMP, 200 THRU 600 VOLTS
CR6AF1GPP CENTRAL-CR6AF1GPP Datasheet
79Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com