Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF201L2S Datasheet(PDF) 3 Page - Rohm

Part # RF201L2S
Description  Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF201L2S Datasheet(HTML) 3 Page - Rohm

  RF201L2S Datasheet HTML 1Page - Rohm RF201L2S Datasheet HTML 2Page - Rohm RF201L2S Datasheet HTML 3Page - Rohm RF201L2S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF201L2S
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve゙(Io-Tc)
ESD DISPERSION MAP
0
5
10
15
20
25
30
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:21.0kV
No break at 30kV
0
1
2
3
4
5
0
25
50
75
100
125
150
Sin(θ=180)
DC
D=1/2
T
Tj=150℃
D=t/T
t
VR
Io
VR=100V
0A
0V
0
1
2
3
4
5
0
25
50
75
100
125
150
T
Tj=150℃
D=t/T
t
VR
Io
VR=100V
0A
0V
Sin(θ=180)
DC
D=1/2
3/3
2011.09 Rev.B


Similar Part No. - RF201L2S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
1,006Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
373Kb / 7P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S_11 Datasheet
1,006Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S_15 Datasheet
373Kb / 7P
   Fast Recovery Diode
More results

Similar Description - RF201L2S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com