Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF05VA2S Datasheet(PDF) 3 Page - Rohm

Part # RF05VA2S
Description  Super Fast Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF05VA2S Datasheet(HTML) 3 Page - Rohm

  RF05VA2S_11 Datasheet HTML 1Page - Rohm RF05VA2S_11 Datasheet HTML 2Page - Rohm RF05VA2S_11 Datasheet HTML 3Page - Rohm RF05VA2S_11 Datasheet HTML 4Page - Rohm RF05VA2S_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF05VA2S
 
1
10
100
1
10
100
time
I
FSM
0
5
10
15
20
25
30
AVE:13.7A
8.3ms
Ifsm
1cyc
I
FSM DISPERSION MAP
0
5
10
15
20
25
30
AVE:10.2ns
I
F=0.5A
I
R=1A
Irr=0.25×I
R
trr DISPERSION MAP
1
10
100
1
10
100
8.3ms
I
FSM
1cyc.
8.3ms
NUMBER OF CYCLES
I
FSM-CYCLE CHARACTERISTICS
TIME:t(ms)
I
FSM-t CHARACTERISTICS
0
5
10
15
20
25
30
AVE:28.2kV
C=100pF
R=1.5k
Ω
C=200pF
R=0
Ω
AVE:5.9kV
ESD DISPERSION MAP
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-c)
Rth(j-a)
TIME:t(s)
Rth-t CHARACTERISTICS
3/4
2011.10 - Rev.A


Similar Part No. - RF05VA2S_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RF05VA2STR ROHM-RF05VA2STR Datasheet
504Kb / 5P
   Super Fast Recovery Diode
More results

Similar Description - RF05VA2S_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com