Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS412B2 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # BTS412B2
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS412B2 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button BTS412B2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 9Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 10Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 11Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 12Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 13Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 14Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BTS 412B2
Semiconductor Group
10
Timing diagrams
Figure 1a: Vbb turn on:
IN
V
OUT
t
V
ST CMOS
bb
A
A
t
d(bb IN)
in case of too early VIN=high the device may not turn on (curve A)
td(bb IN) approx. 150 µs
Figure 2a: Switching a lamp,
IN
ST
OUT
L
t
V
I
Figure 2b: Switching an inductive load
IN
ST
L
t
V
I
OUT
Figure 3a: Turn on into short circuit,
IN
ST
OUT
L
t
V
I
td(SC)
td(SC) approx. -- µs if Vbb - VOUT > 8.5 V typ.


Similar Part No. - BTS412B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
BTS412B2E3043 INFINEON-BTS412B2E3043 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
BTS412B2E3062A INFINEON-BTS412B2E3062A Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
More results

Similar Description - BTS412B2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442E2 SIEMENS-BTS442E2 Datasheet
158Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410G2 SIEMENS-BTS410G2 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com