Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS410G2 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part No. BTS410G2
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS410G2 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BTS 410 G2
Semiconductor Group
9
Options Overview
all versions: High-side switch, Input protection, ESD protection, load dump and
reverse battery protection with 150
Ω in GND connection, protection against loss of
ground
Type
BTS 412 B2 410D2 410E2 410F2 410G2 410H2
307
308
Logic version
BDE
F
G
H
Overtemperature protection with hysteresis
Tj >150 °C, latch function14)15)
Tj >150 °C, with auto-restart on cooling
XX
X
X
X
X
X
X
Short circuit to GND protection
switches off when
VON>3.5 V typ. and Vbb> 7 V
typ14) (when first turned on after approx. 150
µs)
XX
switches off when
VON>8.5 V typ.14)
(when first turned on after approx. 150
µs)
Achieved through overtemperature protection
XX
XX
X
X
Open load detection
in OFF-state with sensing current 30
µA typ.
in ON-state with sensing voltage drop across
power transistor
X
XX
X
X
XX
X
Undervoltage shutdown with auto restart
XX
XX
X
XX
X
Overvoltage shutdown with auto restart16)
XX
XX
X
X-
X
Status feedback for
overtemperature
short circuit to GND
short to Vbb
open load
undervoltage
overvoltage
X
X
X
X
X
X
X
X
-17)
X
X
X
X
X
-17)
X
-
-
X
X
-17)
X
-
-
X
-
-17)
X
-
-
X
X
X
X
-
-
X
X
X
X
X
-
X
X
X
X
-
-
Status output type
CMOS
Open drain
XX
XX
X
XX
X
Output negative voltage transient limit
(fast inductive load switch off)
to
Vbb - VON(CL)
XX
XX
X
XX
X
Load current limit
high level (can handle loads with high inrush currents)
low level (better protection of application)
XX
X
X
X
XX
X
Protection against loss of GND
XX
XX
X
XX
X
14
) Latch except when Vbb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (V
OUT
0 V only if forced externally). So the device remains latched unless
Vbb < VON(SC) (see page 4). No latch
between turn on and td(SC).
15) With latch function. Reseted by a) Input low, b) Undervoltage
16
) No auto restart after overvoltage in case of short circuit
17
) Low resistance short V
bb to output may be detected in ON-state by the no-load-detection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS410D2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410E2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410F2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410H2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS425L1Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn