Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS410E2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BTS410E2
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS410E2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BTS 410 E2
Semiconductor Group
3
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 3 to 5)
IL = 1.6 A
Tj=25 °C:
Tj=150 °C:
RON
--
190
390
220
440
m
Nominal load current, ISO Norm (pin 3 to 5)
VON = 0.5 V, TC = 85 °C
IL(ISO)
1.6
1.8
--
A
Output current (pin 5) while GND disconnected or
GND pulled up,
Vbb=30 V, VIN= 0, see diagram
page 7,
Tj =-40...+150°C
IL(GNDhigh)
--
--
1
mA
Turn-on time
IN
to 90%
VOUT:
Turn-off time
IN
to 10%
VOUT:
RL = 12
, Tj =-40...+150°C
ton
toff
12
5
--
--
125
85
µs
Slew rate on
10 to 30%
VOUT, RL = 12
, Tj =-40...+150°C
d
V /dton
--
--
3
V/
µs
Slew rate off
70 to 40%
VOUT, RL = 12
, Tj =-40...+150°C
-d
V/dtoff
--
--
6
V/
µs
Operating Parameters
Operating voltage 6)
Tj =-40...+150°C: Vbb(on)
4.7
--
42
V
Undervoltage shutdown
Tj =25°C:
Tj =-40...+150°C:
Vbb(under)
2.9
2.7
--
--
4.5
4.7
V
Undervoltage restart
Tj =-40...+150°C: Vbb(u rst)
--
--
4.9
V
Undervoltage restart of charge pump
see diagram page 12
Vbb(ucp)
--
5.6
6.0
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.1
--
V
Overvoltage shutdown
Tj =-40...+150°C: Vbb(over)
42
--
52
V
Overvoltage restart
Tj =-40...+150°C: Vbb(o rst)
40
--
--
V
Overvoltage hysteresis
Tj =-40...+150°C: ∆Vbb(over)
--
0.1
--
V
Overvoltage protection7)
Tj =-40...+150°C:
Ibb=4 mA
Vbb(AZ)
65
70
--
V
Standby current (pin 3)
Tj=-40...+25°C:
VIN=0
Tj= 150°C:
Ibb(off)
--
--
10
18
15
25
µA
Leakage output current (included in
Ibb(off))
VIN=0
IL(off)
--
--
20
µA
Operating current (Pin 1)8),
VIN=5 V,
Tj =-40...+150°C
IGND
--
1
2.1
mA
6
)
At supply voltage increase up to
Vbb= 5.6 V typ without charge pump, VOUT Vbb - 2 V
7)
Meassured without load. See also
VON(CL) in table of protection functions and circuit diagram page 7.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS410D2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410F2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410G2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410H2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS425L1Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn