Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS410E2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BTS410E2
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS410E2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BTS 410 E2
Semiconductor Group
6
Truth Table
Input-
Output
Status
level
level
412
B2
410
D2
410
E2/F2
410
G2
410
H2
Normal
operation
L
H
L
H
H
H
H
H
H
H
H
H
H
H
Open load
L
H
12)
H
L
H
H
L
H
L
H
L
L
H
Short circuit
to GND
L
H
L
L
H
L
H
L
H
L
H
H
H
L
Short circuit
to Vbb
L
H
H
H
L
H
H
H (L13))
H
H (L13))
H
H (L13))
L
H
Overtem-
perature
L
H
L
L
L
L
L
L
L
L
L
L
L
L
Under-
voltage
L
H
L
L
L14)
L14)
L14)
L14)
H
H
H
H
H
H
Overvoltage
L
H
L
L
L
L
L
L
H
H
H
H
H
H
L = "Low" Level
X = don't care
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal after the time delay shown in the diagrams (see fig 5. page 11...12)
12
) Power Transistor off, high impedance, versions BTS 410H, BTS 412B: internal pull up current source for
open load detection.
13
) Low resistance short V
bb to output may be detected in ON-state by the no-load-detection
14
) No current sink capability during undervoltage shutdown
Terms
PROFET
V
IN
ST
OUT
GND
bb
VST
V
IN
I ST
I IN
V
bb
Ibb
I L
VOUT
I
GND
VON
1
2
4
3
5
R
GND
Input circuit (ESD protection)
IN
GND
I
R
ZD
ZD
I
I
I1
I2
ESD-
ZDI1 6 V typ., ESD zener diodes are not to be used as
voltage clamp at DC conditions. Operation in this mode
may result in a drift of the zener voltage (increase of up
to 1 V).
Status output
ST
GND
ESD-
ZD
+5V
R
ST(ON)
ESD-Zener diode: 6 V typ., max 5 mA;
RST(ON) < 250 Ω at 1.6 mA, ESD zener diodes are not
to be used as voltage clamp at DC conditions.
Operation in this mode may result in a drift of the zener
voltage (increase of up to 1 V).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS410D2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410F2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410G2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410H2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS425L1Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn