Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS410E2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BTS410E2
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS410E2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BTS 410 E2
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
Protection Functions
Initial peak short circuit current limit (pin 3 to 5)9),
( max 450
µs if VON > VON(SC) )
IL(SCp)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
9
--
4
--
12
--
23
--
15
A
Repetitive overload shutdown current limit
IL(SCr)
VON= 8 V, Tj = Tjt (see timing diagrams, page 10)
--
5
--
A
Short circuit shutdown delay after input pos. slope
VON > VON(SC),
Tj =-40..+150°C:
min value valid only, if input "low" time exceeds 60
µs
td(SC)
--
--
450
µs
Output clamp (inductive load switch off)
at
VOUT = Vbb - VON(CL) IL= 40 mA, Tj =-40..+150°C: VON(CL)
61
68
73
V
IL= 1 A, Tj =-40..+150°C:
--
--
75
Short circuit shutdown detection voltage
(pin 3 to 5)
VON(SC)
--
8.5
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Reverse battery (pin 3 to 1) 10)
-
Vbb
--
--
32
V
Diagnostic Characteristics
Open load detection current
(on-condition)
Tj=-40 ..150°C:
IL (OL)
2
--
150
mA
8
)
Add
IST, if IST > 0, add IIN, if VIN>5.5 V
9
)
Short circuit current limit for max. duration of td(SC) max=450 µs, prior to shutdown
10
) Requires 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 2 and circuit page 7).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS410D2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410F2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410G2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS410H2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS425L1Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn