Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2057183-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2057183-1
Description  Quad Small Form- factor Pluggable (QSFP) Products
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2057183-1 Datasheet(HTML) 3 Page - Tyco Electronics

  2057183-1 Datasheet HTML 1Page - Tyco Electronics 2057183-1 Datasheet HTML 2Page - Tyco Electronics 2057183-1 Datasheet HTML 3Page - Tyco Electronics 2057183-1 Datasheet HTML 4Page - Tyco Electronics 2057183-1 Datasheet HTML 5Page - Tyco Electronics 2057183-1 Datasheet HTML 6Page - Tyco Electronics 2057183-1 Datasheet HTML 7Page - Tyco Electronics 2057183-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Quad Small Form-factor Pluggable
(QSFP) Products
3
Connector/Dust Plug/Cage Application
Part Number: 1761987-9
• Tape and reel packaged for pick
and place SMT processing
• 38 position
EVERCLEAR connector
• Designed to optimize
signal integrity through 10 Gb/s
PRODUCT APPLICATION
CONNECTOR
Connector (front)
Connector (bottom)
EMI/DUST PLUG
• Part Number: 1888810-2
• Provides EMI containment for unused ports
• Keeps interface free of contamination or debris
• Ergonomic Design


Similar Part No. - 2057183-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2057183-1 TEC-2057183-1 Datasheet
2Mb / 5P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2057183-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
Molex Electronics Ltd.
0768711302 MOLEX11-0768711302 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768700004 MOLEX11-0768700004 Datasheet
37Kb / 2P
   Quad Small Form-factor Pluggable Plus QSFP Assembly
0768710006 MOLEX11-0768710006 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710008 MOLEX11-0768710008 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710005 MOLEX11-0768710005 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711303 MOLEX11-0768711303 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711301 MOLEX11-0768711301 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
1062835104 MOLEX-1062835104 Datasheet
47Kb / 1P
   Quad Small Form-factor Pluggable (QSFP) Optical Breakout Cable Assembly
1062834003 MOLEX-1062834003 Datasheet
43Kb / 1P
   Quad Small Form-factor Pluggable (QSFP) Optical Jumper Cable Assembly
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com