Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2057042-2 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 2057042-2
Description  Quad Small Form- factor Pluggable (QSFP) Products
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2057042-2 Datasheet(HTML) 6 Page - Tyco Electronics

  2057042-2 Datasheet HTML 1Page - Tyco Electronics 2057042-2 Datasheet HTML 2Page - Tyco Electronics 2057042-2 Datasheet HTML 3Page - Tyco Electronics 2057042-2 Datasheet HTML 4Page - Tyco Electronics 2057042-2 Datasheet HTML 5Page - Tyco Electronics 2057042-2 Datasheet HTML 6Page - Tyco Electronics 2057042-2 Datasheet HTML 7Page - Tyco Electronics 2057042-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DIRECT ATTACH COPPER CABLES
KEY FEATURES
• Assemblies available at DDR
(5Gbps/lane) and QDR
(10Gbps/lane) data rates
• Compatible with industry standard
QSFP cages
• EEPROM signature which can be
customized
• Pull tab unlatching allows com-
pact belly-to-belly application
• Equalized and unequalized
assemblies
• 360 degree cable braid crimp
suppresses EMI
• Specialty and cross-over cables
are available
• Optimum cable performance is
obtained when cable equaliza-
tion is customized to system
architecture
• Uses Madison Cable’s high
speed TurboTwin parallel pair
copper cable
DESCRIPTION
Tyco Electronic’s QSFP direct attach copper
cable assembly is a low cost alternative for
short reach 4X applications. The design allows
for a serial data transmission up to the QDR
rate of 10Gbps/lane, for an aggregate 40Gbps.
QSFP cable assemblies are hot swappable and
the programmed EEPROM signature enables
the host to differentiate between a copper cable
assembly and a fiber optic module. The
mechanical design of the braid crimp ensures
that EMI radiation is suppressed. Additionally,
the copper cable acts as a natural heat sink.
Low power consumption assists in making the
passive copper cable assembly an economic
solution for within rack, or rack-to-rack applica-
tions. Standard QSFP assemblies are offered
in 26AWG and 28AWG, however, other wire
gauges can be engineered.
Type
Part Number
AWG
Equalized
Assembly Length
DDR (5Gbps)
2074739-1
28
No
0.5 meter
PASSIVE
2074739-2
28
No
1 meter
2074739-3
28
Yes
2 meter
2074739-4
28
Yes
3 meter
2074739-5
28
Yes
4 meter
2074739-6
26
Yes
5 meter
2074739-8
26
Yes
7 meter
1-2074739-1
26
Yes
10 meter
QDR (10Gbps)
2015234-1
28
No
1 meter
PASSIVE
2015234-2
28
No
2 meter
2015234-3
26
Yes
3 meter
2015234-4
26
Yes
4 meter
2015234-5
26
Yes
5 meter
2015234-6
26
Yes
6 meter
2015234-7
26
Yes
7 meter
2015234-8
26
Yes
8 meter
2015234-9
28
No
0.5 meter
QDR (10Gbps)
2053638-1
26
No
1 meter
UNEQUALIZED
2053638-2
26
No
2 meter
PASSIVE*
2053638-3
26
No
3 meter
2053638-4
26
No
4 meter
2053638-5
26
No
5 meter
1-2053638-0
26
No
10 meter
QDR (10Gbps)
2015446-1
26
N/A
1 meter
ACTIVE (IN
2015446-2
26
N/A
2 meter
DEVELOPMENT)
2015446-3
26
N/A
3 meter
2015446-4
26
N/A
4 meter
2015446-5
26
N/A
5 meter
1-2015446-0
26
N/A
10 meter
1-2015446-5
26
N/A
15 meter
Direct Attach Copper Cables
(QSFP) Products
Standard QSFP to QSFP:
*Engineered for use in systems that utilize self-equalizing features (EDC).


Similar Part No. - 2057042-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2057042-2 TEC-2057042-2 Datasheet
2Mb / 5P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2057042-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
Molex Electronics Ltd.
0768711302 MOLEX11-0768711302 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768700004 MOLEX11-0768700004 Datasheet
37Kb / 2P
   Quad Small Form-factor Pluggable Plus QSFP Assembly
0768710006 MOLEX11-0768710006 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710008 MOLEX11-0768710008 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710005 MOLEX11-0768710005 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711303 MOLEX11-0768711303 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711301 MOLEX11-0768711301 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
1062835104 MOLEX-1062835104 Datasheet
47Kb / 1P
   Quad Small Form-factor Pluggable (QSFP) Optical Breakout Cable Assembly
1062834003 MOLEX-1062834003 Datasheet
43Kb / 1P
   Quad Small Form-factor Pluggable (QSFP) Optical Jumper Cable Assembly
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com