Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL4116 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CLL4116
Description  SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4116 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CLL4116 Datasheet HTML 1Page - Central Semiconductor Corp CLL4116 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLL4099 THRU CLL4125
SURFACE MOUNT
LOW NOISE SILICON ZENER DIODES
6.8 VOLTS THRU 47 VOLTS
500mW, 5% TOLERANCE
TYPE NO.
ZENER
VOLTAGE
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAX REVERSE
LEAKAGE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
NOISE
DENSITY
VZ @ IZT
IZT
ZZT @ IZT
IR @ VR
IZM
ND @ IZT
MIN
NOM
MAX
V
V
V
μA
Ω
μA
V
mA
μV/
Hz
CLL4117*
23.75
25
26.25
250
150
0.01
19.0
9.5
40
CLL4118*
25.65
27
28.35
250
150
0.01
20.5
8.8
40
CLL4119*
26.60
28
29.40
250
200
0.01
21.3
8.5
40
CLL4120*
28.50
30
31.50
250
200
0.01
22.8
7.9
40
CLL4121*
31.35
33
34.65
250
200
0.01
25.1
7.2
40
CLL4122*
34.20
36
37.80
250
200
0.01
27.4
6.6
40
CLL4123*
37.05
39
40.95
250
200
0.01
29.7
6.1
40
CLL4124*
40.85
43
45.15
250
250
0.01
32.7
5.5
40
CLL4125*
44.65
47
49.35
250
250
0.01
35.8
5.1
40
* Available on special order only, please consult factory
SOD-80 CASE - MECHANICAL OUTLINE
MARKING: CATHODE BAND
ELECTRICAL CHARACTERISTICS - Continued:
(TA=25°C) VF=1.0V MAX @ IF=200mA (FOR ALL TYPES)
www.centr a lsemi.com
R6 (8-January 2010)


Similar Part No. - CLL4116

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4116 CENTRAL-CLL4116 Datasheet
109Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results

Similar Description - CLL4116

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4099 CENTRAL-CLL4099 Datasheet
109Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099_10 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678_10 Datasheet
310Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMXZ2V4TO CENTRAL-CMXZ2V4TO Datasheet
103Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED, OPPOSING SILICON ZENER DIODES 2.4 VOLTS THRU 47 VOLTS 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com