Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6020FNX Datasheet(PDF) 3 Page - Rohm

Part # R6020FNX
Description  10V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6020FNX Datasheet(HTML) 3 Page - Rohm

  R6020FNX Datasheet HTML 1Page - Rohm R6020FNX Datasheet HTML 2Page - Rohm R6020FNX Datasheet HTML 3Page - Rohm R6020FNX Datasheet HTML 4Page - Rohm R6020FNX Datasheet HTML 5Page - Rohm R6020FNX Datasheet HTML 6Page - Rohm R6020FNX Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
R6020FNX
 
Electrical characteristic curves (Ta=25
C)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
Drain-Source Voltage : V
DS [V]
Fig.1 Typical Output Characteristics (Ⅰ)
V
GS=6.0V
V
GS=5.0V
V
GS=5.5V
V
GS=10.0V
V
GS=7.0V
V
GS=8.0V
V
GS=6.5V
T
a=25℃
pulsed
0
5
10
15
20
25
30
0
2
4
6
8
10
Drain-Source Voltage : V
DS [V]
Fig.2 Typical Output Characteristics (Ⅱ)
V
GS=10.0V
V
GS=6.0V
V
GS=6.5V
V
GS=5.0V
V
GS=5.5V
V
GS=7.0V
V
GS=8.0V
T
a=25℃
pulsed
0.001
0.01
0.1
1
10
100
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0
Gate-Source Voltage : V
GS [V]
Fig.3 Typical Transfer Characteristics
V
DS=10V
pulsed
T
a=125℃
T
a= 75℃
T
a= 25℃
T
a= -25℃
2
3
4
5
6
-50
0
50
100
150
Channel Temperature : T
ch [℃]
Fig.4 Gate Threshold Voltage vs. Channel Temperature
V
DS=10V
I
D=1mA
pulsed
0.1
1
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.5 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=10V
pulsed
T
a=125℃
T
a= 75℃
T
a= 25℃
T
a= -25℃
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
125
150
Channel Temperature : T
ch [℃]
Fig.6 Static Drain-Source On-State Resistance vs. Channel Temperature
V
GS=10V
pulsed
I
D=10A
I
D=20A
3/6
2011.10 - Rev.A


Similar Part No. - R6020FNX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6020FNJ ROHM-R6020FNJ Datasheet
3Mb / 14P
   Nch 600V 20A Power MOSFET
More results

Similar Description - R6020FNX

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com