Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6018ANX Datasheet(PDF) 10 Page - Rohm

Part # R6018ANX
Description  Nch 600V 18A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6018ANX Datasheet(HTML) 10 Page - Rohm

Back Button R6018ANX_12 Datasheet HTML 6Page - Rohm R6018ANX_12 Datasheet HTML 7Page - Rohm R6018ANX_12 Datasheet HTML 8Page - Rohm R6018ANX_12 Datasheet HTML 9Page - Rohm R6018ANX_12 Datasheet HTML 10Page - Rohm R6018ANX_12 Datasheet HTML 11Page - Rohm R6018ANX_12 Datasheet HTML 12Page - Rohm R6018ANX_12 Datasheet HTML 13Page - Rohm R6018ANX_12 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
R6018ANX
10/13
2012.01 - Rev.B
Electrical characteristic curves
1
10
100
1000
10000
0.1
1
10
100
1000
C
iss
C
oss
C
rss
T
a = 25ºC
f = 1MHz
V
GS = 0V
1
10
100
1000
10000
0.01
0.1
1
10
100
t
r
t
f
t
d(on)
t
d(off)
T
a = 25ºC
V
DD
⋍300V
V
GS = 10V
R
G = 10Ω
Pulsed
0
5
10
15
0
10
20
30
40
50
60
70
T
a = 25ºC
V
DD
⋍300V
I
D = 18A
Pulsed
0
2
4
6
8
10
12
14
0
200
400
600
T
a = 25ºC
Fig.18 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : V
DS [V]
Fig.19 Coss Stored Energy
Drain - Source Voltage : V
DS [V]
Fig.20 Switching Characteristics
Drain Current : I
D [A]
Fig.21 Dynamic Input Characteristics
Total Gate Charge : Q
g [nC]


Similar Part No. - R6018ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6018ANX ROHM-R6018ANX Datasheet
193Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R6018ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6018JNX ROHM-R6018JNX Datasheet
2Mb / 14P
   Nch 600V 18A Power MOSFET
R6018JNJ ROHM-R6018JNJ Datasheet
2Mb / 15P
   Nch 600V 18A Power MOSFET
RQ3E080GN ROHM-RQ3E080GN Datasheet
2Mb / 13P
   Nch 30V 18A Middle Power MOSFET
RQ3E180AJ ROHM-RQ3E180AJ Datasheet
2Mb / 12P
   Nch 30V 18A Middle Power MOSFET
R6008ANX ROHM-R6008ANX_12 Datasheet
1,009Kb / 14P
   Nch 600V 8A Power MOSFET
R6025FNZ1 ROHM-R6025FNZ1 Datasheet
1,003Kb / 14P
   Nch 600V 25A Power MOSFET
R6076MNZ1 ROHM-R6076MNZ1 Datasheet
2Mb / 14P
   Nch 600V 76A Power MOSFET
R6010MND3 ROHM-R6010MND3 Datasheet
2Mb / 14P
   Nch 600V 10A Power MOSFET
R6004JND3 ROHM-R6004JND3 Datasheet
2Mb / 14P
   Nch 600V 4A Power MOSFET
R6004JNJ ROHM-R6004JNJ Datasheet
2Mb / 14P
   Nch 600V 4A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com