Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6015ANX Datasheet(PDF) 1 Page - Rohm

Part # R6015ANX
Description  Nch 600V 15A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6015ANX Datasheet(HTML) 1 Page - Rohm

  R6015ANX Datasheet HTML 1Page - Rohm R6015ANX Datasheet HTML 2Page - Rohm R6015ANX Datasheet HTML 3Page - Rohm R6015ANX Datasheet HTML 4Page - Rohm R6015ANX Datasheet HTML 5Page - Rohm R6015ANX Datasheet HTML 6Page - Rohm R6015ANX Datasheet HTML 7Page - Rohm R6015ANX Datasheet HTML 8Page - Rohm R6015ANX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
1/13
2012.02 - Rev.B
R6015ANX
Nch 600V 15A Power MOSFET
Bulk
-
Type
Packing
mJ
V
15
Tape width (mm)
-
Reel size (mm)
Value
V
500
±15
±30
A
Avalanche energy, single pulse
Avalanche energy, repetitive
Avalanche current
7.5
-
EAR
*4
mJ
A
3.5
R6015ANX
Unit
600
EAS
*3
ID,pulse
*2
ID
*1
±7.0
V/ns
150
°C
W
°C
15
−55 to +150
50
Reverse diode dv/dt
IAR
*3
Range of storage temperature
Tstg
Power dissipation (Tc = 25°C)
dv/dt
*5
Junction temperature
PD
Tj
A
A
Symbol
Basic ordering unit (pcs)
Pulsed drain current
Switching Power Supply
VDSS
ID
*1
VGSS
±60
Marking
Taping code
1) Low on-resistance.
6) Pb-free lead plating ; RoHS compliant
Gate - Source voltage
Parameter
Tc = 25°C
Drain - Source voltage
Absolute maximum ratings (T
a = 25°C)
Tc = 100°C
Features
50W
Continuous drain current
3) Gate-source voltage (VGSS) guaranteed to be ±30V.
Application
4) Drive circuits can be simple.
2) Fast switching speed.
Outline
Inner circuit
Packaging specifications
TO-220FM
600V
0.3
15A
5) Parallel use is easy.
VDSS
RDS(on) (Max.)
ID
PD
(1) Gate
(2) Drain
(3) Source
*1 Body Diode
(1)(2)(3)


Similar Part No. - R6015ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6015ANX ROHM-R6015ANX Datasheet
235Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R6015ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6015FNJ ROHM-R6015FNJ Datasheet
3Mb / 15P
   Nch 600V 15A Power MOSFET
R6015ENZ ROHM-R6015ENZ Datasheet
923Kb / 13P
   Nch 600V 15A Power MOSFET
R6015ENX ROHM-R6015ENX Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
R6015KNX ROHM-R6015KNX Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
R6015ENJ ROHM-R6015ENJ Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
R6015KNJ ROHM-R6015KNJ Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
R6015KNZ ROHM-R6015KNZ Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
RD3L150SNFRA ROHM-RD3L150SNFRA Datasheet
2Mb / 15P
   Nch 60V 15A Power MOSFET
R6515KNX3 ROHM-R6515KNX3 Datasheet
2Mb / 14P
   Nch 650V 15A Power MOSFET
RD3L150SN ROHM-RD3L150SN Datasheet
2Mb / 16P
   Nch 60V 15A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com