Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS121A Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BTS121A
Description  TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS121A Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BTS121A Datasheet HTML 1Page - Siemens Semiconductor Group BTS121A Datasheet HTML 2Page - Siemens Semiconductor Group BTS121A Datasheet HTML 3Page - Siemens Semiconductor Group BTS121A Datasheet HTML 4Page - Siemens Semiconductor Group BTS121A Datasheet HTML 5Page - Siemens Semiconductor Group BTS121A Datasheet HTML 6Page - Siemens Semiconductor Group BTS121A Datasheet HTML 7Page - Siemens Semiconductor Group BTS121A Datasheet HTML 8Page - Siemens Semiconductor Group BTS121A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
Electrical Characteristics (cont’d)
at
T
j = 25 °CC, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Continuous source current
I
S
19
A
Pulsed source current
I
SM
––76
Diode forward on-voltage
I
F = 38 A, VGS = 0
V
SD
1.35
1.7
V
Reverse recovery time
I
F = I S, diF/dt = 100 A/µs, VR = 30 V
t
rr
150
ns
Reverse recovery charge
I
F = I S, diF/dt = 100 A/µs, VR = 30 V
Q
rr
0.58
µC
Temperature Sensor
Forward voltage
I
TS(on) = 5 mA, Tj = – 55 ... + 150 °C
Sensor override,
t
p ≤ 100 µs
T
j = – 55 ... + 160 °C
V
TS(on)
1.3
1.4
10
V
Forward current
T
j = – 55 ... + 150 °C
Sensor override,
t
p ≤ 100 µs
T
j = – 55 ... + 160 °C
I
TS(on)
5.0
600
mA
Holding current,
V
TS(off) = 5 V,
T
j = 25 °C
T
j = 150 °C
I
H
0.05
0.05
0.1
0.2
0.5
0.3
Switching temperature
V
TS = 5 V
T
TS(on)
150
°C
Turn-off time
V
TS = 5 V, ITS(on) = 2 mA
t
off
0.5
2.5
µs
BTS 121A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS131TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS132TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS113ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS115ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS115ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS121ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS131TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS132TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS120TEMPFET N channel Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS129TEMPFET N channel Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn