Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS121A Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BTS121A
Description  TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS121A Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BTS121A Datasheet HTML 1Page - Siemens Semiconductor Group BTS121A Datasheet HTML 2Page - Siemens Semiconductor Group BTS121A Datasheet HTML 3Page - Siemens Semiconductor Group BTS121A Datasheet HTML 4Page - Siemens Semiconductor Group BTS121A Datasheet HTML 5Page - Siemens Semiconductor Group BTS121A Datasheet HTML 6Page - Siemens Semiconductor Group BTS121A Datasheet HTML 7Page - Siemens Semiconductor Group BTS121A Datasheet HTML 8Page - Siemens Semiconductor Group BTS121A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
04.97
TEMPFET®
BTS 121A
3
2
1
Features
q
N channel
q
Logic level
q
Enhancement mode
q
Temperature sensor with thyristor characteristic
q
The drain pin is electrically shorted to the tab
Pin
1
2
3
GD
S
Type
V
DS
I
D
R
DS(on)
Package
Ordering Code
BTS 121A
100 V
22 A
0.1
TO-220AB
C67078-S5010-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain-source voltage
V
DS
100
V
Drain-gate voltage,
R
GS = 20 kΩ
V
DGR
100
Gate-source voltage
V
GS
± 10
Continuous drain current,
T
C = 25 °C
I
D
22
A
ISO drain current
T
C = 85 °C, VDS = 10 V, VDS = 0.5 V
I
D-ISO
3.5
Pulsed drain current,
T
C = 25 °C
I
D puls
88
Short circuit current,
T
j = – 55 ... + 150 °C
I
SC
68
Short circuit dissipation,
T
j = – 55 ... + 150 °C
V
DS ≤ 50 V / VDS ≤ 15 V
P
SCmax
800 / 1000
W
Power dissipation
P
tot
95
Operating and storage temperature range
T
j, Tstg
– 55 ... + 150
°C
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55/150/56
Thermal resistance
Chip-case
Chip-ambient
R
th JC
R
th JA
≤ 1.32
≤ 75
K/W


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS131TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS132TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS113ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS115ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS115ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS121ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS131TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS132TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS120TEMPFET N channel Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS129TEMPFET N channel Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn