Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS121A Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BTS121A
Description  TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS121A Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BTS121A Datasheet HTML 1Page - Siemens Semiconductor Group BTS121A Datasheet HTML 2Page - Siemens Semiconductor Group BTS121A Datasheet HTML 3Page - Siemens Semiconductor Group BTS121A Datasheet HTML 4Page - Siemens Semiconductor Group BTS121A Datasheet HTML 5Page - Siemens Semiconductor Group BTS121A Datasheet HTML 6Page - Siemens Semiconductor Group BTS121A Datasheet HTML 7Page - Siemens Semiconductor Group BTS121A Datasheet HTML 8Page - Siemens Semiconductor Group BTS121A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
Drain-source on-state resistance
R
DS(on) = f (Tj)
Parameter:
I
D = 4.5 A, VGS = 9.5 V
Typ. transfer characteristic
I
D = f (VGS)
Parameter
:t
p = 80 µs, VDS = 25 V
Gate threshold voltage
V
GS(th) = f (Tj)
Parameter
:V
DS = VGS, ID = 1 mA (spread)
Typ. transconductance
g
fs = f (ID)
Parameter:
t
p = 80 µs, VDS = 25 V
BTS 121A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS131TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS132TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS113ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS115ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS115ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS121ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS131TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS132TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS120TEMPFET N channel Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS129TEMPFET N channel Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn