Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6008ANX Datasheet(PDF) 11 Page - Rohm

Part # R6008ANX
Description  Nch 600V 8A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6008ANX Datasheet(HTML) 11 Page - Rohm

Back Button R6008ANX Datasheet HTML 6Page - Rohm R6008ANX Datasheet HTML 7Page - Rohm R6008ANX Datasheet HTML 8Page - Rohm R6008ANX Datasheet HTML 9Page - Rohm R6008ANX Datasheet HTML 10Page - Rohm R6008ANX Datasheet HTML 11Page - Rohm R6008ANX Datasheet HTML 12Page - Rohm R6008ANX Datasheet HTML 13Page - Rohm R6008ANX Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
R6008ANX
11/13
2012.01 - Rev.C
Electrical characteristic curves
0.01
0.1
1
10
100
0
0.5
1
1.5
T
a = 125ºC
T
a = 75ºC
T
a = 25ºC
T
a = -25ºC
V
GS = 0V
Pulsed
10
100
1000
0.1
1
10
100
T
a = 25ºC
di / dt = 100A /
μs
V
GS = 0V
Pulsed
Fig.22 Inverse Diode Forward Current
vs. Source - Drain Voltage
Source - Drain Voltage : V
SD [V]
Fig.23 Reverse Recovery Time
vs.Inverse Diode Forward Current
Inverse Diode Forward Current : I
S [A]


Similar Part No. - R6008ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6008ANX ROHM-R6008ANX Datasheet
265Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R6008ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6008MND3 ROHM-R6008MND3 Datasheet
2Mb / 14P
   Nch 600V 8A Power MOSFET
RD3L080SN ROHM-RD3L080SN Datasheet
2Mb / 16P
   Nch 60V 8A Power MOSFET
R8008ANJFRG ROHM-R8008ANJFRG Datasheet
1Mb / 14P
   Nch 800V 8A Power MOSFET
RD3U080CN ROHM-RD3U080CN Datasheet
2Mb / 15P
   Nch 250V 8A Power MOSFET
RD3L080SNFRA ROHM-RD3L080SNFRA Datasheet
2Mb / 15P
   Nch 60V 8A Power MOSFET
R8008ANJ ROHM-R8008ANJ Datasheet
951Kb / 14P
   Nch 800V 8A Power MOSFET
ZDX080N50 ROHM-ZDX080N50 Datasheet
626Kb / 12P
   Nch 500V 8A Power MOSFET
RD3U080AAFRA ROHM-RD3U080AAFRA Datasheet
1Mb / 14P
   Nch 250V 8A Power MOSFET
RF4E080GN ROHM-RF4E080GN Datasheet
2Mb / 11P
   Nch 30V 8A Middle Power MOSFET
RQ3E080BN ROHM-RQ3E080BN Datasheet
2Mb / 12P
   Nch 30V 8A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com