Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6006ANX Datasheet(PDF) 5 Page - Rohm

Part # R6006ANX
Description  Nch 600V 6A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6006ANX Datasheet(HTML) 5 Page - Rohm

  R6006ANX_12 Datasheet HTML 1Page - Rohm R6006ANX_12 Datasheet HTML 2Page - Rohm R6006ANX_12 Datasheet HTML 3Page - Rohm R6006ANX_12 Datasheet HTML 4Page - Rohm R6006ANX_12 Datasheet HTML 5Page - Rohm R6006ANX_12 Datasheet HTML 6Page - Rohm R6006ANX_12 Datasheet HTML 7Page - Rohm R6006ANX_12 Datasheet HTML 8Page - Rohm R6006ANX_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
R6006ANX
lElectrical characteristic curves
0
20
40
60
80
100
120
0
50
100
150
200
0.0001
0.001
0.01
0.1
1
10
100
1000
0.0001
0.01
1
100
T
a = 25ºC
Single Pulse
R
th(ch-a)(t) = r(t)×Rth(ch-a)
Rth(ch-a) = 70ºC/W
top D = 1
D = 0.5
D = 0.1
D = 0.05
D = 0.01
D = Single
Fig.1 Power Dissipation Derating Curve
Junction Temperature : Tj [
°C]
Fig.2 Maximum Safe Operating Area
Drain - Source Voltage : V
DS [V]
Fig.3 Normalized Transient Thermal
Resistance vs. Pulse Width
Pulse Width : PW [s]
0.01
0.1
1
10
100
0.1
1
10
100
1000
T
a = 25ºC
Single Pulse
Operation in this
area is limited
by R
DS(ON)
P
W = 100us
P
W = 1ms
P
W = 10ms
5/13
2012.01 - Rev.B


Similar Part No. - R6006ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6006ANX ROHM-R6006ANX Datasheet
265Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R6006ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6006JNX ROHM-R6006JNX Datasheet
2Mb / 14P
   Nch 600V 6A Power MOSFET
R6006PND3FRA ROHM-R6006PND3FRA Datasheet
1Mb / 14P
   Nch 600V 6A Power MOSFET
R6006JND3 ROHM-R6006JND3 Datasheet
2Mb / 14P
   Nch 600V 6A Power MOSFET
R6006JNJ ROHM-R6006JNJ Datasheet
2Mb / 14P
   Nch 600V 6A Power MOSFET
R6006KNX ROHM-R6006KNX Datasheet
2Mb / 15P
   Nch 600V 6A Power MOSFET
20200203 - Rev.003
R8006KNX ROHM-R8006KNX Datasheet
2Mb / 14P
   Nch 800V 6A Power MOSFET
RD3U060CN ROHM-RD3U060CN Datasheet
2Mb / 15P
   Nch 250V 6A Power MOSFET
RF4E060AJ ROHM-RF4E060AJ Datasheet
2Mb / 14P
   Nch 30V 6A Middle Power MOSFET
R6008ANX ROHM-R6008ANX_12 Datasheet
1,009Kb / 14P
   Nch 600V 8A Power MOSFET
R6025FNZ1 ROHM-R6025FNZ1 Datasheet
1,003Kb / 14P
   Nch 600V 25A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com