Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSL0102WBFC Datasheet(PDF) 2 Page - Rohm

Part # PSL0102WBFC
Description  High Power White LEDs SSML series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PSL0102WBFC Datasheet(HTML) 2 Page - Rohm

  PSL0102WBFC Datasheet HTML 1Page - Rohm PSL0102WBFC Datasheet HTML 2Page - Rohm PSL0102WBFC Datasheet HTML 3Page - Rohm PSL0102WBFC Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics Curves
PSL0102 series
Forward Current-Forward Voltage
FORWARD VOLTAGE:VF (V)
1000
100
10
2.0
2.5
3.0
3.5
4.5
4.0
1
Ta=25°C
PSL0101WBEA
PSL0101WBEB
PSL0101WBEC
PSL0101WBED
PSL0101WBFA
PSL0101WBFB
PSL0101WBFC
PSL0101WBFD
PSL0102WBEA
PSL0102WBEB
PSL0102WBEC
PSL0102WBED
PSL0102WBEA
PSL0102WBEB
PSL0102WBEC
PSL0102WBED
PSL0102WBEA
PSL0102WBEB
PSL0102WBEC
PSL0102WBED
Luminous Intensity-Atmosphere Temperature
PSL0101WBEA
PSL0101WBEB
PSL0101WBEC
PSL0101WBED
PSL0101WBFA
PSL0101WBFB
PSL0101WBFC
PSL0101WBFD
ATMOSPHERE TEMPERATURE:Ta (°C)
0.4
1.6
1.4
1.2
1.0
0.8
0.6
-40-30-20-10 0 10 20 30 40 50 60 70 80 90 100110120130
IF=120mA
IF=350mA
PSL0101WBEA
PSL0101WBEB
PSL0101WBEC
PSL0101WBED
PSL0101WBFA
PSL0101WBFB
PSL0101WBFC
PSL0101WBFD
ATMOSPHERE TEMPERATURE:Ta (°C)
0
300
250
200
150
100
50
-40-30-20-10 0 10 20 30 40 50 60 70 80 90 100110120130
Derating
Luminous Flux-Forward Current (PSL0102 series)
【5000K】
PSL0102WBEA
PSL0102WBEB
PSL0102WBEC
PSL0102WBED
FORWARD CURRENT : IF (mA)
0
100
50
150
200
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25°C
【3000K】
PSL0102WBFA
PSL0102WBFB
PSL0102WBFC
PSL0102WBFD
FORWARD CURRENT:IF (mA)
0
100
50
150
200
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25°C
2/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.01 - Rev.A


Similar Part No. - PSL0102WBFC

ManufacturerPart #DatasheetDescription
logo
Rohm
PSL0101 ROHM-PSL0101 Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBEA ROHM-PSL0101WBEA Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBEB ROHM-PSL0101WBEB Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBEC ROHM-PSL0101WBEC Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBED ROHM-PSL0101WBED Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
More results

Similar Description - PSL0102WBFC

ManufacturerPart #DatasheetDescription
logo
Rohm
PSL0101 ROHM-PSL0101 Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
SML-K19 ROHM-SML-K19 Datasheet
1Mb / 4P
   High luminousity white LEDs
logo
Luminus, Inc
CBT-140 LUMINUS-CBT-140 Datasheet
1Mb / 17P
   White LEDs
logo
Visual Communications C...
CMD333UWC VCC-CMD333UWC Datasheet
59Kb / 1P
   White LEDs
logo
Rohm
SMLW36 ROHM-SMLW36 Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
[Old version datasheet]   High Efficiency Boost for White LEDs
logo
Marl International Limi...
209-501-21-38 MARL-209-501-21-38_15 Datasheet
271Kb / 5P
   Warm white LEDs
207-501-21-38 MARL-207-501-21-38_15 Datasheet
260Kb / 5P
   Warm white LEDs
210-501-21-38 MARL-210-501-21-38_15 Datasheet
290Kb / 5P
   Warm white LEDs
logo
Rohm
BD6079GWL ROHM-BD6079GWL Datasheet
747Kb / 41P
   White LEDs Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com