Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67078-A5008-A2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # C67078-A5008-A2
Description  TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-A5008-A2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  C67078-A5008-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-A5008-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-A5008-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-A5008-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-A5008-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-A5008-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-A5008-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-A5008-A2 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-A5008-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
2
Electrical Characteristics
at
T
j = 25 °C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
V
GS = 0, ID = 1 mA
V
(BR)DSS
100
V
Gate threshold voltage
V
GS = VDS, ID = 1 mA
V
GS(th)
2.5
3.0
3.5
Zero gate voltage drain current
V
GS = 0 V, VDS = 100 V
T
j = 25 °C
T
j = 125 °C
I
DSS
1
100
10
300
µA
Gate-source leakage current
V
GS = 20 V, VDS = 0
T
j = 25 °C
T
j = 150 °C
I
GSS
10
2.0
100
4.0
nA
µA
Drain-source on-state resistance
V
GS = 10 V, ID = 5 A
R
DS(on)
0.17
0.2
Dynamic Characteristics
Forward transconductance
V
DS ≥ 2 × ID × RDS(on)max, ID = 5 A
g
fs
2.7
3.8
8.0
S
Input capacitance
V
GS = 0, VDS = 25 V, f = 1 MHz
C
iss
450
600
pF
Output capacitance
V
GS = 0, VDS = 25 V, f = 1 MHz
C
oss
150
240
Reverse transfer capacitance
V
GS = 0, VDS = 25 V, f = 1 MHz
C
rss
80
130
Turn-on time
t
on, (ton = td(on) + tr)
V
CC = 30 V, VGS = 10 V, ID = 2.9 A,
R
GS = 50 Ω
t
d(on)
–20
30
ns
t
r
–45
70
Turn-off time
t
off, (toff = td(off) + tf)
V
CC = 30 V, VGS = 10 V, ID = 2.9 A,
R
GS = 50 Ω
t
d(off)
–70
90
t
f
–55
70
BTS 110


Similar Part No. - C67078-A5008-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-A5001-A3 SIEMENS-C67078-A5001-A3 Datasheet
333Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
C67078-A5002-A4 SIEMENS-C67078-A5002-A4 Datasheet
295Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
C67078-A5003-A4 SIEMENS-C67078-A5003-A4 Datasheet
289Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
C67078-A5007-A2 SIEMENS-C67078-A5007-A2 Datasheet
301Kb / 9P
   Smart Highside Power Switch TEMPFET (P channel Enhancement mode Temperature sensor with thyristor characteristic)
C67078-A5009-A2 SIEMENS-C67078-A5009-A2 Datasheet
310Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
More results

Similar Description - C67078-A5008-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS112A INFINEON-BTS112A Datasheet
579Kb / 10P
   TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS120 INFINEON-BTS120 Datasheet
445Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
BTS130 INFINEON-BTS130 Datasheet
468Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
logo
Siemens Semiconductor G...
BTS240A SIEMENS-BTS240A Datasheet
327Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS129 SIEMENS-BTS129 Datasheet
264Kb / 8P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS120 SIEMENS-BTS120 Datasheet
310Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS112A SIEMENS-BTS112A Datasheet
319Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS130 SIEMENS-BTS130 Datasheet
333Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS240A INFINEON-BTS240A Datasheet
566Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS110 INFINEON-BTS110 Datasheet
560Kb / 10P
   TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS114A INFINEON-BTS114A Datasheet
575Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com