Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3000-TYPEVK Datasheet(PDF) 1 Page - Texas Instruments

Part No. CC3000-TYPEVK
Description  SimpleLink™ Wi-Fi® CC3000 Module by Murata
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000-TYPEVK Datasheet(HTML) 1 Page - Texas Instruments

  CC3000-TYPEVK Datasheet HTML 1Page - Texas Instruments CC3000-TYPEVK Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CC3000-TypeVK
www.ti.com
SWRS118
– DECEMBER 2011
SimpleLink
™ Wi-Fi® CC3000 Module by Murata
1
FEATURES
APPLICATIONS
23
Embedded Wi-Fi and Networking Software
Automation
Including Drivers, Stack, and Supplicant
Home Security / Surveillance
WLAN: IEEE 802.11 b, g compliant
Network Appliance
Best-in-class Link Budget:
Fitness / Health
– Tx Power: +19.5dBm at 11Mb-CCK
DESCRIPTION
– Rx Sensitivity: –89dBm at 11Mb-CCK
The following product brief applies to the TypeVK
– a
Compact Code Size (as low as 6KB Flash and
highly-integrated Wi-Fi module offered by Murata
3KB RAM) Required for Host Microcontroller
utilizing
Texas
Instruments
SimpleLink
Wi-Fi
FCC/IC Certification and ETSI Testing will be
CC3000.
Conducted, Production-ready Module by
The
Murata
TypeVK
module
incorporating
Murata Available in 2Q 2012
SimpleLink
™ Wi-Fi CC3000, is a self-contained
Chip Antenna FCC/IC Certified, ETSI-Tested
wireless solution that simplifies the process of
Design Available
implementing Internet connectivity. SimpleLink Wi-Fi
minimizes
host
microcontroller
(MCU)
software
Integrated Crystal and Power Management
requirements
making
it
the
ideal
solution
for
Small Form Factor Module
embedded applications using any low-cost/low-power
(16.5mm x 11.5mm x 2.2mm)
MCU.
Operating Temperature Range:
The TypeVK is provided as a module by Murata to
(
–30°C to 70°C)
reduce development time, lower manufacturing costs,
Proven Wi-Fi Interoperability
save board space, ease certification, and minimize
Complete Platform Solution Including API
RF expertise required. Additionally, it is provided as a
complete platform solution including software drivers,
Guide, Sample Applications, Support
sample applications, API guide, user documentation
Community, User and Porting Guides are
and a world-class support community.
Provided by TI
The full specification of the TypeVK can be found on
Murata
’s
website
(www.murata-ws.com).
More
information on TI
’s wireless platform solutions for
Wi-Fi can be found on TI
's Wireless Connectivity Wiki
(www.ti.com/connectivitywiki).
TBD
TBD
TBD
TBD
TBD
Disclaimer:
All content in and linked to this product brief is provided by TI "AS IS" without express or implied warranties of any kind, and it may contain
errors, omissions and technical inaccuracies. TI does not endorse or warrant any of the third party products or services referenced on this
product brief. This information is provided subject to TI
’s Terms of Use.
Be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SimpleLink is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn