Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0REB-80T15L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0REB-80T15L
Description  ISOLATED DC/DC CONVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0REB-80T15L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0REB-80T15L Datasheet HTML 1Page - Bel Fuse Inc. 0REB-80T15L Datasheet HTML 2Page - Bel Fuse Inc. 0REB-80T15L Datasheet HTML 3Page - Bel Fuse Inc. 0REB-80T15L Datasheet HTML 4Page - Bel Fuse Inc. 0REB-80T15L Datasheet HTML 5Page - Bel Fuse Inc. 0REB-80T15L Datasheet HTML 6Page - Bel Fuse Inc. 0REB-80T15L Datasheet HTML 7Page - Bel Fuse Inc. 0REB-80T15L Datasheet HTML 8Page - Bel Fuse Inc. 0REB-80T15L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
1
ISOLATED DC/DC CONVERTERS
36 Vdc - 75 Vdc Input, 15 Vdc/5 A Output
Aug. 22, 2011
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Features
 Isolated
 Remote On/Off)
 High Efficiency
 Input Under Voltage Protection
 Fixed Frequency (300 KHz)
 Output Over Voltage Protection
 High Power Density
 OCP/SCP
 Low Cost
 Over Temperature Protection
 Class 2, Category 2, Isolated DC/DC Converter (refer to IPC-9592)
Applications
 Networking
 Computers and peripherals
 Telecommunications
Description
The 0REB-80T15x is an isolated DC/DC converter that operates from a nominal 48 Vdc source. This converter
provides up to 75W of output power. Features include remote on/off, short circuit protection, over current
protection, over-temperature protection, output over-voltage protection,input under-voltage protection.
Part Selection
Output Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
15 Vdc
36 Vdc - 75 Vdc
5 A
75 W
92%
0REB-80T15L
0REB-80T150
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
0 R EB – 80 T 15 x
1 2
3
4
5
6 7
1---Through hole mount
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name
4---Series code
5---Input range (36-75V)
6---Output voltage (15V)
7---Enable, “0” means active high, and “L” means active low
0REB-80T15x
RoHS Compliant
PRELIMINARY Rev.A


Similar Part No. - 0REB-80T15L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0REB-80T120 BEL-0REB-80T120 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0REB-80T120 BEL-0REB-80T120 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
0REB-80T12L BEL-0REB-80T12L Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0REB-80T12L BEL-0REB-80T12L Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0REB-80T15L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com