Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123EKA Datasheet(PDF) 3 Page - Rohm

Part # DTA123EKA
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA123EKA Datasheet(HTML) 3 Page - Rohm

  DTA123EKA Datasheet HTML 1Page - Rohm DTA123EKA Datasheet HTML 2Page - Rohm DTA123EKA Datasheet HTML 3Page - Rohm DTA123EKA Datasheet HTML 4Page - Rohm DTA123EKA Datasheet HTML 5Page - Rohm DTA123EKA Datasheet HTML 6Page - Rohm DTA123EKA Datasheet HTML 7Page - Rohm DTA123EKA Datasheet HTML 8Page - Rohm DTA123EKA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA123E series
Electrical characteristic curves
(Ta = 25°C)
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO [A]
Fig.2 Output current vs. input voltage
(OFF characteristics)
INPUT VOLTAGE : VI(off)[V]
Fig.3 Output current vs. output voltage
OUTPUT VOLTAGE : VO [V]
Fig.4 DC current gain vs. output current
OUTPUT CURRENT : IO [A]
0
−3.0
10m
2m
5m
1m
200µ
500µ
100µ
20µ
50µ
10µ
−0.5
−1.0
−1.5
−2.0
−2.5
Vcc = −5V
Ta = 100oC
25oC
−40oC
1k
500
200
100
50
20
10
5
2
1
−200µ
−100µ−500µ−1m −2m
−5m −10m −20m −50m −100m
Ta = 100oC
25oC
−40oC
VO = −5V
100
50
20
10
5
2
1
500m
200m
100m
−100µ−200µ−500µ−1m −2m
−5m −10m −20m
−50m −100m
VO = −0.3V
Ta = −40oC
100oC
25oC
0
-20
-40
-60
-80
-100
0-5
-10
400μA
0A
450μA
500μA
550μA
600μA
650μA
700μA
750μA
800μA
850μA
900μA
II=
Ta=25ºC
3/8
2012.02 - Rev.C


Similar Part No. - DTA123EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123EKA ROHM-DTA123EKA Datasheet
68Kb / 3P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EKA ROHM-DTA123EKA Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
DTA123EKA ROHM-DTA123EKA Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123EKA ROHM-DTA123EKA Datasheet
222Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA123EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com