Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSS296 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BSS296
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS296 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSS296 Datasheet HTML 1Page - Siemens Semiconductor Group BSS296 Datasheet HTML 2Page - Siemens Semiconductor Group BSS296 Datasheet HTML 3Page - Siemens Semiconductor Group BSS296 Datasheet HTML 4Page - Siemens Semiconductor Group BSS296 Datasheet HTML 5Page - Siemens Semiconductor Group BSS296 Datasheet HTML 6Page - Siemens Semiconductor Group BSS296 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
12/05/1997
BSS 296
SIPMOS ® Small-Signal Transistor
• N channel
• Enhancement mode
• Logic Level
• VGS(th) = 0.8...2.0V
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Marking
BSS 296
100 V
0.8 A
0.8
TO-92
SS 296
Type
Ordering Code
Tape and Reel Information
BSS 296
Q62702-S217
E6296
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain source voltage
VDS
100
V
Drain-gate voltage
RGS = 20 kΩ
V
DGR
100
Gate source voltage
VGS
± 14
Gate-source peak voltage,aperiodic
Vgs
± 20
Continuous drain current
TA = 25 °C
ID
0.8
A
DC drain current, pulsed
TA = 25 °C
IDpuls
3.2
Power dissipation
TA = 25 °C
Ptot
1
W


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn