Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSS296 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BSS296
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS296 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSS296 Datasheet HTML 1Page - Siemens Semiconductor Group BSS296 Datasheet HTML 2Page - Siemens Semiconductor Group BSS296 Datasheet HTML 3Page - Siemens Semiconductor Group BSS296 Datasheet HTML 4Page - Siemens Semiconductor Group BSS296 Datasheet HTML 5Page - Siemens Semiconductor Group BSS296 Datasheet HTML 6Page - Siemens Semiconductor Group BSS296 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
12/05/1997
BSS 296
Power dissipation
P
tot = ƒ(TA)
0
20
40
60
80
100
120
°C
160
T
A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
W
1.2
P
tot
Drain current
I
D = ƒ(TA)
parameter: VGS ≥ 10 V
0
20
40
60
80
100
120
°C
160
T
A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
A
0.9
I
D
Safe operating area ID=f(VDS)
parameter : D = 0.01, TC=25°C
Drain-source breakdown voltage
V
(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
90
92
94
96
98
100
102
104
106
108
110
112
114
116
V
120
V
(BR)DSS


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn