Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSS295 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BSS295
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS295 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BSS295 Datasheet HTML 1Page - Siemens Semiconductor Group BSS295 Datasheet HTML 2Page - Siemens Semiconductor Group BSS295 Datasheet HTML 3Page - Siemens Semiconductor Group BSS295 Datasheet HTML 4Page - Siemens Semiconductor Group BSS295 Datasheet HTML 5Page - Siemens Semiconductor Group BSS295 Datasheet HTML 6Page - Siemens Semiconductor Group BSS295 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
12/05/1997
BSS 295
Typ. output characteristics
I
D = ƒ(VDS)
parameter: tp = 80 µs , Tj = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
5.0
V
DS
0.0
0.4
0.8
1.2
1.6
2.0
2.4
A
3.2
I
D
V
GS [V]
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
6.0
i
i
7.0
j
j
8.0
k
k
9.0
l
Ptot = 1W
l
10.0
Typ. drain-source on-resistance
R
DS (on) = ƒ(ID)
parameter: tp = 80 µs, Tj = 25 °C
0.0
0.4
0.8
1.2
1.6
2.0
A
2.8
I
D
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
R
DS (on)
VGS [V] =
a
2.0
VGS [V] =
a
a
2.5
b
b
3.0
c
c
3.5
d
d
4.0
e
e
4.5
f
f
5.0
g
g
6.0
h
h
7.0
i
i
8.0
j
j
9.0
k
k
10.0
Typ. transfer characteristics ID = f(VGS)
parameter: tp = 80 µs
VDS2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
A
4.5
I
D
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0.0
0.5
1.0
1.5
2.0
2.5
3.0
A
4.0
I
D
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
S
2.2
g
fs


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn