Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD11601NUX Datasheet(PDF) 8 Page - Rohm

Part # BD11601NUX
Description  USB Switch ICs SPST Type(Single Pole Single Throw)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD11601NUX Datasheet(HTML) 8 Page - Rohm

Back Button BD11601NUX Datasheet HTML 2Page - Rohm BD11601NUX Datasheet HTML 3Page - Rohm BD11601NUX Datasheet HTML 4Page - Rohm BD11601NUX Datasheet HTML 5Page - Rohm BD11601NUX Datasheet HTML 6Page - Rohm BD11601NUX Datasheet HTML 7Page - Rohm BD11601NUX Datasheet HTML 8Page - Rohm BD11601NUX Datasheet HTML 9Page - Rohm BD11601NUX Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Technical Note
8/9
BH6260MWX
www.rohm.com
2011.08 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Power Dissipation
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Ambient temperature :Ta [℃]
-8.5mW/℃
Ta_max=85℃
Pd=0.85W
Fig.10 Power dissipation


Similar Part No. - BD11601NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD11601NUX ROHM-BD11601NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
More results

Similar Description - BD11601NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
logo
National Instruments Co...
PXI-2569 NI-PXI-2569 Datasheet
534Kb / 3P
   100 independent single-pole single-throw (SPST) relays
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
logo
Qorvo, Inc
QM13344 QORVO-QM13344 Datasheet
413Kb / 5P
   4xSPST (Single-Pole-Single-Throw Switch)
logo
Nexperia B.V. All right...
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Qorvo, Inc
QM13341 QORVO-QM13341 Datasheet
428Kb / 6P
   4xSPST (Single-Pole-Single-Throw Switch)
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com