Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-8000HD Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8000HD
Description  Surface-Mount, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000HD Datasheet(HTML) 2 Page - Sanken electric

  SI-8000HD Datasheet HTML 1Page - Sanken electric SI-8000HD Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
35
ICs
■Block Diagram
■Typical Connection Diagram
■Reference Data
C1 : 1500µF
C2 : 1000µF
C3 : 0.1µF (Only when using soft-start function)
C4 : 4.7µF (GMR32ER71H475KA88L (Murata Manufacturing)
recommended)
L1 : 100µH
Di : FMB-G16L (Sanken)
IN
C1
C4
C3
Di
L1
R1
R2
C2
VIN
GND
SS
GND
SI-8008HD
SW
ADJ
12
4
3
5
+
+
VOUT
GND
■External Dimensions (TO263-5)
(Unit : mm)
Pin Assignment
1 IN
2 SW
3 GND
4 ADJ
5 SS
Plastic Mold Package Type
Flammability: UL 94V-0
Product Mass: Approx. 1.48 g
(2
×R0.45)
(1.7
±0.25
)
(1.7
±0.25
)
0.8
±0.1
10.0
±0.2
(4.4)
(8.0)
9.9
±0.2
Case temperature
measurement point
(15
°)
(0.5)
2-R0.3
10.0
±0.02
3-R0.3
(R0.3)
(R0.3)
0.88
±0.10
1.5 Dp:
±0.2
φ
(1.7
±0.25
)
12345
(1.7
±0.25
)
0.8
±0.1
4.5
±0.2
1.3
0.10
±0.15
2.4
±0.2
+0.10
–0.05
(3
°)
(3
°)
(3
°)
(3
°)
(3
°)
0 to 6
°
4
3
GND
2
IN
SS
SW
ADJ
1
5
PReg.
OCP
Reset
OSC
+
Comp.
Error Amp.
Latch &
Drive
TSD
ON/OFF
Soft
start
+
+
SI-8008HD
VREF
The acceptable loss of the package is 3 W for the SI-8000HD
series, so some ranges are not available, depending on the
relation between the input voltage and output current.
55
50
45
40
35
30
0
200
400
600
800
1000
Copper Laminate Area (mm2)
1200
1400
1600
1800
When using glass-epoxy board measuring 40
×40 mm
SI-8000HD Series


Similar Part No. - SI-8000HD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000HFE SANKEN-SI-8000HFE Datasheet
449Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_11 Datasheet
85Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Similar Description - SI-8000HD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8050W SANKEN-SI-8050W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8008HD SANKEN-SI-8008HD Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8033W SANKEN-SI-8033W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000TM SANKEN-SI-8000TM_12 Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000JD SANKEN-SI-8000JD_11 Datasheet
86Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD_11 Datasheet
74Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com