Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD4001 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ILD4001
Description  Step down - LED controller IC for external power stages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ILD4001 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ILD4001 Datasheet HTML 3Page - Infineon Technologies AG ILD4001 Datasheet HTML 4Page - Infineon Technologies AG ILD4001 Datasheet HTML 5Page - Infineon Technologies AG ILD4001 Datasheet HTML 6Page - Infineon Technologies AG ILD4001 Datasheet HTML 7Page - Infineon Technologies AG ILD4001 Datasheet HTML 8Page - Infineon Technologies AG ILD4001 Datasheet HTML 9Page - Infineon Technologies AG ILD4001 Datasheet HTML 10Page - Infineon Technologies AG ILD4001 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Target Datasheet
8
Rev. 1.0, 2009-07-06
ILD4001
Step down - LED controller IC for external power stages
Electrical Characteristics
3.2
AC Characteristics
All parameters have been measured at 25 °C, unless otherwise specified
Table 5
AC Characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Switching frequency
F
sw
200
kHz
Vs = 12 V
3 LEDs in series
Rsense = 100 m
L = 100
µH
VEN = 3 V
ILED = 350 mA
Maximum switching frequency
F
swmax
500
kHz
recommended


Similar Part No. - ILD4001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ILD4001E6327 INFINEON-ILD4001E6327 Datasheet
654Kb / 11P
   Step down - LED controller IC for external power stages
Rev. 1.0, July 2009
More results

Similar Description - ILD4001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ILD4001E6327 INFINEON-ILD4001E6327 Datasheet
654Kb / 11P
   Step down - LED controller IC for external power stages
Rev. 1.0, July 2009
ILD4120 INFINEON-ILD4120 Datasheet
668Kb / 11P
   1200mA step down - LED controller IC
Rev. 1.0, July 2009
logo
Silicon Standard Corp.
SS6577 SSC-SS6577 Datasheet
722Kb / 14P
   External NMOS Step-Down PWM Controller
logo
Analog Intergrations Co...
AIC1577 AIC-AIC1577 Datasheet
340Kb / 14P
   External NMOS Step-Down PWM Controller
logo
Torex Semiconductor
XC9252 TOREX-XC9252 Datasheet
1Mb / 28P
   Low Power Consumption Step-down DC/DC Controller IC
logo
ACE Technology Co., LTD...
ACE73205F ACE-ACE73205F Datasheet
287Kb / 3P
   PWM Step-down DC-DC Controller IC
VER 1.1
logo
Maxic Technology Corpor...
MT7200 MAXIC-MT7200 Datasheet
59Kb / 1P
   Step-down High Brightness LED controller
logo
SHENZHEN FUMAN ELECTRON...
FM8201 FUMAN-FM8201 Datasheet
362Kb / 8P
   Non-isolated step-down LED driver IC
FM8601 FUMAN-FM8601 Datasheet
339Kb / 7P
   Non-isolated step-down LED driver IC
FM70XX FUMAN-FM70XX Datasheet
178Kb / 9P
   Non-isolated step-down LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com