Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD4001 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part No. ILD4001
Description  Step down - LED controller IC for external power stages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ILD4001 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ILD4001 Datasheet HTML 3Page - Infineon Technologies AG ILD4001 Datasheet HTML 4Page - Infineon Technologies AG ILD4001 Datasheet HTML 5Page - Infineon Technologies AG ILD4001 Datasheet HTML 6Page - Infineon Technologies AG ILD4001 Datasheet HTML 7Page - Infineon Technologies AG ILD4001 Datasheet HTML 8Page - Infineon Technologies AG ILD4001 Datasheet HTML 9Page - Infineon Technologies AG ILD4001 Datasheet HTML 10Page - Infineon Technologies AG ILD4001 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ILD4001
Step down - LED controller IC for external power stages
Electrical Characteristics
Target Datasheet
7
Rev. 1.0, 2009-07-06
3
Electrical Characteristics
3.1
DC Characteristics
4.5 V <
V
S < 40 V; - 40 °C < TJ < 150 °C, all voltages with respect to ground; positive; current flowing into pin;
unless otherwise specified
All parameters have been measured at 25 °C, unless otherwise specified
Table 4
DC Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Overall current consumption
Is
short
tbf
tbf
mA
V
s = 4.5 V;
I
out = 10 mA
Overall current consumption
Is
short
tbf
tbf
mA
V
s = 40 V; Iout = 10 mA
Overall current consumption
Is
short
tbf
µA
V
s = 45 V; Iout = 10 mA
Overall current consumption open load
Is
open load
tbf
µA
V
s = 4.5 V; Iout = 0 mA
Overall current consumption open load
Is
open load
tbf
µA
V
s = 40 V; Iout = 0 mA
Overall current consumption open load
Is
open load
tbf
µA
V
s = 45 V; Iout = 0 mA
Overall standby current consumption
Is
standby
200
nA
EN = 0 V; Vs= 4.5 V
Overall standby current consumption
Is
standby
200
nA
EN = 0 V; Vs = 40 V
Input Current of multifunctional control
pin
I
EN
20
40
70
µA
at any condition
Current of Sense input
I
sense
200
nA
at any Output current
Voltage of Sense input
V
sense
100
mV
Sense threshold hysteresis
V
sensehys
+/- 15
%
Over voltage Protection
V
s, OV
42
V
I
out -> 0 A
Lowest sufficient voltage overhead
V
CE
1.2
V
I
out < 10 mA
Temperature shut down
Th
TSD
115
125
135
°C
I
out -> 0 A; refer to TJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn