Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGG4015 Datasheet(PDF) 3 Page - Sanken electric

Part # DGG4015
Description  SANKEN ELECTRIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

DGG4015 Datasheet(HTML) 3 Page - Sanken electric

  DGG4015 Datasheet HTML 1Page - Sanken electric DGG4015 Datasheet HTML 2Page - Sanken electric DGG4015 Datasheet HTML 3Page - Sanken electric DGG4015 Datasheet HTML 4Page - Sanken electric DGG4015 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.sanken-ele.co.jp
DGG4015
Nov. 2011
SANKEN ELECTRIC
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 3
Characteristic Curves
(Tc=25°C)


Similar Part No. - DGG4015

ManufacturerPart #DatasheetDescription
logo
Sanken electric
DGG4015 SANKEN-DGG4015 Datasheet
277Kb / 5P
   Built-in gate protection diode
DGG4015A SANKEN-DGG4015A Datasheet
443Kb / 11P
   VBR(CES) = 400 V, IC = 15 A N-channel Ignition IGBT
More results

Similar Description - DGG4015

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSE-15051 SANKEN-SSE-15051 Datasheet
151Kb / 4P
   SANKEN ELECTRIC COMPANY, LTD.
STR30130 SANKEN-STR30130 Datasheet
516Kb / 5P
   SANKEN ELECTRIC. COidPANY, LTD.
ES85044 SANKEN-ES85044 Datasheet
161Kb / 6P
   SANKEN ELECTRIC COMPANY,LTD.
STR-D3000 SANKEN-STR-D3000 Datasheet
171Kb / 5P
   SANKEN ELECTRIC COMPANY, LTD.
STR59041 SANKEN-STR59041 Datasheet
163Kb / 4P
   SANKEN ELECTRIC COMPANY, LTD.
STR-S6301 SANKEN-STR-S6301 Datasheet
1Mb / 9P
   SANKEN ELECTRIC COMPANY, LTD.
STRW5634 SANKEN-STRW5634 Datasheet
172Kb / 1P
   STRW5634 Sanken
STR-6554 SANKEN-STR-6554 Datasheet
186Kb / 1P
   SANKEN / STRW6554A ZIP-6 Pin
STR-D1005T SANKEN-STR-D1005T Datasheet
168Kb / 6P
   SANKEN HYBRID VOLTAGE REGULATOR MODULE
STR50041A SANKEN-STR50041A Datasheet
155Kb / 5P
   Sanken Switching Regulator Hybrid IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com