Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSZ8873MLLJ Datasheet(PDF) 41 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 41 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 37Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 38Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 39Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 40Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 41Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 42Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 43Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 44Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 45Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
41
M9999-091911-1.8
Loopback Support
The KSZ8873MLLJ provides loopback support for remote diagnostic of failure. In loopback mode, the speed at both PHY
ports needs to be set to 100BASE-TX. Two types of loopback are supported: Far-end Loopback and Near-end (Remote)
Loopback.
Far-end Loopback
Far-end loopback is conducted between the KSZ8873MLLJ’s two PHY ports. The loopback is limited to few package a
time for diagnosis purpose and can not support large traffic. The loopback path starts at the “Originating.” PHY port’s
receive inputs (RXP/RXM), wraps around at the “loopback” PHY port’s PMD/PMA, and ends at the “Originating” PHY
port’s transmit outputs (TXP/TXM).
Bit [0] of registers 29 and 45 is used to enable far-end loopback for ports 1 and 2, respectively. Alternatively, the MII
Management register 0, bit [14] can be used to enable far-end loopback.
The far-end loopback path is illustrated in the following figure.
Figure 14. Far-End Loopback Path


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn