Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSZ8873MLLJ Datasheet(PDF) 35 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 35 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 31Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 32Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 33Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 34Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 35Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 36Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 37Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 38Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 39Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
35
M9999-091911-1.8
Ingress to Port 3 (Host -> KSZ8873MLLJ)
Bit [1,0]
Destination Port
0,0
Normal (Address Look up)
0,1
Port 1
1,0
Port 2
1,1
Port 1 and 2
Bit [3,2]
Frame Priority
0,0
Priority 0
0,1
Priority 1
1,0
Priority 2
1,1
Priority 3
Egress from Port 3 (KSZ8873MLLJ->Host)
Bit [0]
Source Port
0
Port 1
1
Port 2
Figure 8. Tail Tag Rules
IGMP Support
For Internet Group Management Protocol (IGMP) support in layer 2, the KSZ8873MLLJ provides two components:
IGMP Snooping
The KSZ8873MLLJ traps IGMP packets and forwards them only to the processor (port 3). The IGMP packets are
identified as IP packets (either Ethernet IP packets, or IEEE 802.3 SNAP IP packets) with IP version = 0x4 and protocol
version number = 0x2.
IGMP Send Back to the Subscribed Port
Once the host responds the received IGMP packet, the host should knows the original IGMP ingress port and send back
the IGMP packet to this port only, otherwise this IGMP packet will be broadcasted to all port to downgrade the
performance.
Enable the tail tag mode, the host will know the IGMP packet received port from tail tag bits [0] and can send back the
response IGMP packet to this subscribed port by setting the bits [1,0] in the tail tag. Enable “Tail tag mode” by setting
Register 3 bit 6. The tail tag will be removed automatically when the IGMP packet is sent out from the subscribed port.
Port Mirroring Support
KSZ8873MLLJ supports “Port Mirroring” comprehensively as:
“receive only” mirror on a port
All the packets received on the port are mirrored on the sniffer port. For example, port 1 is programmed to be
“receive sniff” and port 3 is programmed to be the “sniffer port”. A packet received on port 1 is destined to port 2
after the internal lookup. The KSZ8873MLLJ forwards the packet to both port 2 and port 3. The KSZ8873MLLJ
can optionally even forward “bad” received packets to the “sniffer port”.
“transmit only” mirror on a port
All the packets transmitted on the port are mirrored on the sniffer port. For example, port 1 is programmed to be
“transmit sniff” and port 3 is programmed to be the “sniffer port”. A packet received on port 2 is destined to port 1
after the internal lookup. The KSZ8873MLLJ forwards the packet to both port 1 and port 3.
“receive and transmit” mirror on two ports


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn