Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 33 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 33 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
33
M9999-091911-1.8
DiffServ-Based Priority
DiffServ-based priority uses the ToS registers (registers 96 to 111) in the Advanced Control Registers section. The ToS
priority control registers implement a fully decoded, 64-bit Differentiated Services Code Point (DSCP) register to
determine packet priority from the 6-bit ToS field in the IP header. When the most significant 6 bits of the ToS field are
fully decoded, the resultant of the 64 possibilities is compared with the corresponding bits in the DSCP register to
determine priority.
Spanning Tree Support
To support spanning tree, port 3 is designated as the processor port.
The other ports (port 1 and port 2) can be configured in one of the five spanning tree states via “transmit enable”, “receive
enable” and “learning disable” register settings in registers 18 and 34 for ports 1 and 2, respectively. The following table
shows the port setting and software actions taken for each of the five spanning tree states.
Disable State
Port Setting
Software Action
The port should not forward or
receive any packets. Learning is
disabled.
“transmit
enable = 0,
receive
enable = 0,
learning
disable =1”
The processor should not send any packets to the port. The switch may still
send specific packets to the processor (packets that match some entries in
the “static MAC table” with “overriding bit” set) and the processor should
discard those packets. Address learning is disabled on the port in this
state.
Blocking State
Port Setting
Software Action
Only packets to the processor
are forwarded. Learning is
disabled.
“transmit
enable = 0,
receive
enable = 0,
learning
disable =1”
The processor should not send any packets to the port(s) in this state. The
processor should program the “Static MAC table” with the entries that it
needs to receive (for example, BPDU packets). The “overriding” bit should
also be set so that the switch will forward those specific packets to the
processor. Address learning is disabled on the port in this state.
Listening State
Port Setting
Software Action
Only packets to and from the
processor are forwarded.
Learning is disabled.
“transmit
enable = 0,
receive
enable = 0,
learning
disable =1”
The processor should program the “Static MAC table” with the entries that it
needs to receive (for example, BPDU packets). The “overriding” bit should
be set so that the switch will forward those specific packets to the
processor. The processor may send packets to the port(s) in this state. See
“Tail Tagging Mode” for details. Address learning is disabled on the port in
this state.
Learning State
Port Setting
Software Action
Only packets to and from the
processor are forwarded.
Learning is enabled.
“transmit
enable = 0,
receive
enable = 0,
learning
disable = 0”
The processor should program the “Static MAC table” with the entries that it
needs to receive (for example, BPDU packets). The “overriding” bit should
be set so that the switch will forward those specific packets to the
processor. The processor may send packets to the port(s) in this state. See
“Tail Tagging Mode” for details. Address learning is enabled on the port in
this state.
Forwarding State
Port Setting
Software Action
Packets are forwarded and
received normally. Learning is
enabled.
“transmit
enable = 1,
receive
enable = 1,
learning
disable = 0”
The processor programs the “Static MAC table” with the entries that it
needs to receive (for example, BPDU packets). The “overriding” bit is set so
that the switch forwards those specific packets to the processor. The
processor can send packets to the port(s) in this state. See “Tail Tagging
Mode” for details. Address learning is enabled on the port in this state.
Table 8. Spanning Tree States


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn