Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 30 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 30 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
30
M9999-091911-1.8
Preamble
Start of
Frame
Read/Write
OP Code
PHY
Address
Bits [4:0]
REG
Address
Bits [4:0]
TA
Data Bits [15:0]
Idle
Read
32 1’s
01
00
1xRRR
RRRRR
Z0
0000_0000_DDDD_DDDD
Z
Write
32 1’s
01
00
0xRRR
RRRRR
10
xxxx_xxxx_DDDD_DDDD
Z
Table 5. Serial Management Interface (SMI) Frame Format
SMI register read access is selected when OP Code is set to “00” and bit 4 of the PHY address is set to ‘1’. SMI register
write access is selected when OP Code is set to “00” and bit 4 of the PHY address is set to ‘0’. PHY address bit[3] is
undefined for SMI register access, and hence can be set to either ‘0’ or ‘1’ in read/write operations.
To access the KSZ8873MLLJ registers 0-196 (0x00 – 0xC6), the following applies:
PHYAD[2:0] and REGAD[4:0] are concatenated to form the 8-bit address; that is, {PHYAD[2:0], REGAD[4:0]} =
bits [7:0] of the 8-bit address.
TA bits [1:0] are ’Z0’ means the processor MDIO pin is changed to input Hi-Z from output mode and the followed
‘0’ is the read response from device.
TA bits [1:0] are set to ’10’ when write registers.
Registers are 8 data bits wide.
For read operation, data bits [15:8] are read back as 0’s.
For write operation, data bits [15:8] are not defined, and hence can be set to either ‘0’ or ‘1’.
SMI register access is the same as the MIIM register access, except for the register access requirements presented in
this section.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn