Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873MLLJ Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 20Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 21Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 22Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 23Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 24Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 25Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 26Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 27Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
24
M9999-091911-1.8
Hardware Power Down
KSZ8873 supports a hardware power down mode. When the pin PWRDN is actived low, the entire chip is powered down.
Functional Overview: MAC and Switch
Address Lookup
The internal lookup table stores MAC addresses and their associated information. It contains a 1K unicast address table
plus switching information.
The KSZ8873MLLJ is guaranteed to learn 1K addresses and distinguishes itself from hash-based lookup tables, which
depending on the operating environment and probabilities, may not guarantee the absolute number of addresses it can
learn.
Learning
The internal lookup engine updates its table with a new entry if the following conditions are met:
1. The received packet's Source Address (SA) does not exist in the lookup table.
2. The received packet is good; the packet has no receiving errors, and is of legal length.
The lookup engine inserts the qualified SA into the table, along with the port number and time stamp. If the table is full, the
last entry of the table is deleted to make room for the new entry.
Migration
The internal lookup engine also monitors whether a station has moved. If a station has moved, it will update the table
accordingly. Migration happens when the following conditions are met:
1. The received packet's SA is in the table but the associated source port information is different.
2. The received packet is good; the packet has no receiving errors, and is of legal length.
The lookup engine will update the existing record in the table with the new source port information.
Aging
The lookup engine updates the time stamp information of a record whenever the corresponding SA appears. The time
stamp is used in the aging process. If a record is not updated for a period of time, the lookup engine removes the record
from the table. The lookup engine constantly performs the aging process and will continuously remove aging records. The
aging period is about 200 seconds. This feature can be enabled or disabled through register 3 (0x03) bit [2].
Forwarding
The KSZ8873MLLJ forwards packets using the algorithm that is depicted in the following flowcharts. Figure 4 shows stage
one of the forwarding algorithm where the search engine looks up the VLAN ID, static table, and dynamic table for the
destination address, and comes up with “port to forward 1” (PTF1). PTF1 is then further modified by spanning tree, IGMP
snooping, port mirroring, and port VLAN processes to come up with “port to forward 2” (PTF2), as shown in Figure 5. The
packet is sent to PTF2.


Similar Part No. - KSZ8873MLLJ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
65Kb / 2P
   Integrated 10/100BASE-T/TX/FX 3-Port Switch
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLLJ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com