Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 15 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 15 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
15
M9999-091911-1.8
Pin Number
Pin Name
Type
(1)
Description
61
P2LED0
IPU/O
62
RSTN
IPU
Hardware reset pin (active low)
63
FXSD1
I
MLLJ: Floating or connect to analog ground by pull-down resistor.
64
VDDA_1.8
P
1.8 analog VDD input power supply from VDDCO (pin 56) through external
Ferrite bead and capacitors.
Notes:
1. Speed
: Low (100BASE-TX), High (10BASE-T)
Full duplex
: Low (full duplex), High (half duplex)
Act
: Toggle (transmit / receive activity)
Link
: Low (link), High (no link)
2
. P = Power supply.
Gnd
= Ground.
I
= Input.
Ipu/O
= Input with internal pull-up during reset, output pin otherwise.
Ipu
= Input w/ internal pull-up.
Ipd
= Input w/ internal pull-down.
Opu
= Output w/ internal pull-up.
Opd
= Output w/ internal pull-down.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn