Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873MLLJ Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 10Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 11Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 12Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 13Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 14Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 15Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 16Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 17Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
14
M9999-091911-1.8
Pin Number
Pin Name
Type
(1)
Description
59
P1LED0
IPU/O
Port 1 LED Indicators:
Default: Link/Act. (refer to register 195 bit[5:4])
Strap option:
Port 3 duplex mode selection(P3DPX)
PU = port 3 to half duplex mode
PD = port 3 to full duplex mode (default)
Note: P1LED0 has weaker internal pull-down, recommend an external pull-
down by a 0.5Kohm resistor.
60
P2LED1
IPU/O
Port 2 LED Indicators:
Default: Speed (refer to register 195 bit[5:4])
Strap option:
Serial bus configuration
Port 2 LED Indicators:
Default: Link/Act. (refer to register 195 bit[5:4])
Strap option
: Serial bus configuration
Serial bus configuration pins to select mode of access to KSZ8873MLLJ
internal registers.
[P2LED1, P2LED0] = [0, 0] — I
2C master (EEPROM) mode
(If EEPROM is not detected, the KSZ8873MLLJ will be configured with the
default values of its internal registers and the values of its strap-in pins.)
Interface Signals
Type
Description
SPIQ
O
Not used (tri-stated)
SCL_MDC
O
I
2C clock
SDA_MDIO
I/O
I
2C data I/O
SPISN
I
Not used
[P2LED1, P2LED0] = [0, 1] — I
2C slave mode
The external I
2C master will drive the SCL_MDC clock.
The KSZ8873MLLJ device addresses are:
1011_1111
<read>
1011_1110
<write>
Interface Signals
Type
Description
SPIQ
O
Not used (tri-stated)
SCL_MDC
I
I
2C clock
SDA_MDIO
I/O
I
2C data I/O
SPISN
I
Not used
[P2LED1, P2LED0] = [1, 0] — SPI slave mode
Interface Signals
Type
Description
SPIQ
O
SPI data out
SCL_MDC
I
SPI clock
SDA_MDIO
I
SPI data In
SPISN
I
SPI chip select
[P2LED1, P2LED0] = [1, 1] – SMI/MIIM-mode
In SMI mode, the KSZ8873MLLJ provides access to all its internal 8-bit
registers through its SCL_MDC and SDA_MDIO pins.
In MIIM mode, the KSZ8873MLLJ provides access to its 16-bit MIIM
registers through its SDC_MDC and SDA_MDIO pins.


Similar Part No. - KSZ8873MLLJ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
65Kb / 2P
   Integrated 10/100BASE-T/TX/FX 3-Port Switch
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLLJ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com